Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29GL064A30BAIR12 Datasheet(PDF) 54 Page - SPANSION

No. de pieza S29GL064A30BAIR12
Descripción Electrónicos  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL064A30BAIR12 Datasheet(HTML) 54 Page - SPANSION

Back Button S29GL064A30BAIR12 Datasheet HTML 50Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 51Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 52Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 53Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 54Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 55Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 56Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 57Page - SPANSION S29GL064A30BAIR12 Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
54
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
Any bit in a word cannot be programmed from 0 back to a 1. Attempting to do so may cause the device to
set DQ5=1, or cause DQ7 and DQ6 status bits to indicate the operation was successful. However, a
succeeding read shows that the data is still 0. Only erase operations can convert a 0 to a 1.
9.4.2
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to program words to the device faster than using the standard
program command sequence. The unlock bypass command sequence is initiated by first writing two unlock
cycles. This is followed by a third write cycle containing the unlock bypass command, 20h. The device then
enters the unlock bypass mode. A two-cycle unlock bypass mode command sequence is all that is required to
program in this mode. The first cycle in this sequence contains the unlock bypass program command, A0h;
the second cycle contains the program address and data. Additional data is programmed in the same
manner. This mode dispenses with the initial two unlock cycles required in the standard program command
sequence, resulting in faster total programming time. Table 10.2 on page 61 and Table 10.1 on page 62
show the requirements for the command sequence.
During the unlock bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset commands are
valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass reset command
sequence. The first cycle must contain the data 90h. The second cycle must contain the data 00h. The device
then returns to the read mode.
9.4.3
Write Buffer Programming
Write Buffer Programming allows the system write to a maximum of 16 words/32 bytes in one programming
operation. This results in faster effective programming time than the standard programming algorithms. The
Write Buffer Programming command sequence is initiated by first writing two unlock cycles. This is followed
by a third write cycle containing the Write Buffer Load command written at the Sector Address in which
programming occurs. The fourth cycle writes the sector address and the number of word locations, minus
one, to be programmed. For example, if the system programs six unique address locations, then 05h should
be written to the device. This tells the device how many write buffer addresses are loaded with data and
therefore when to expect the Program Buffer to Flash command. The number of locations to program cannot
exceed the size of the write buffer or the operation aborts.
The fifth cycle writes the first address location and data to be programmed. The write-buffer-page is selected
by address bits AMAX–A4. All subsequent address/data pairs must fall within the selected-write-buffer-page.
The system then writes the remaining address/data pairs into the write buffer. Write buffer locations may be
loaded in any order.
The write-buffer-page address must be the same for all address/data pairs loaded into the write buffer. (This
means Write Buffer Programming cannot be performed across multiple write-buffer pages.) This also means
that Write Buffer Programming cannot be performed across multiple sectors. If the system attempts to load
programming data outside of the selected write-buffer page, the operation aborts.
Note that if a Write Buffer address location is loaded multiple times, the address/data pair counter is
decremented for every data load operation. The host system must therefore account for loading a write-buffer
location more than once. The counter decrements for each data load operation, not for each unique write-
buffer-address location. Note also that if an address location is loaded more than once into the buffer, the
final data loaded for that address is programmed.
Once the specified number of write buffer locations are loaded, the system must then write the Program
Buffer to Flash command at the sector address. Any other address and data combination aborts the Write
Buffer Programming operation. The device then begins programming. Data polling should be used while
monitoring the last address location loaded into the write buffer. DQ7, DQ6, DQ5, and DQ1 should be
monitored to determine the device status during Write Buffer Programming.
The write-buffer programming operation can be suspended using the standard program suspend/resume
commands. Upon successful completion of the Write Buffer Programming operation, the device is ready to
execute the next command.
The Write Buffer Programming Sequence can be aborted in the following ways:
Load a value that is greater than the page buffer size during the Number of Locations to Program step.
Write to an address in a sector different than the one specified during the Write-Buffer-Load command.


Número de pieza similar - S29GL064A30BAIR12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL064A SPANSION-S29GL064A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10BAI SPANSION-S29GL064A10BAI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10BFI SPANSION-S29GL064A10BFI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10FAI SPANSION-S29GL064A10FAI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10FFI SPANSION-S29GL064A10FFI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
More results

Descripción similar - S29GL064A30BAIR12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com