Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHC04DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHC04DRG4
Descripción Electrónicos  HEX INVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC04DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AHC04DRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 9Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 10Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 11Page - Texas Instruments SN74AHC04DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Input
(see Note D)
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
VCC × 2 V
Open
GND
500
500
Output
Control
Output
Waveform 1
S1 at VCC × 2 V
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.4 V
1.4 V
VOH
0 V
1.4 V
VOL + 0.3 V
1.4 V
VOH − 0.3 V
0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VCC × 2 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Input rise and fall times are 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
D. Input rise and fall times are 3 ns. Pulse duration is 150 ns < tw < 10 µs.
E. The outputs are measured one at a time, with one transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
tPHL
tPLH
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (B to A)
2.7 V
VOH
VOL
0 V
1.4 V
50% VCC
Input
(see Note B)
Output
1.4 V
50% VCC
B-TO-A LOAD (TOTEM POLE)
tPHL
tPLH
From
B or Y Output
Under Test
A-TO-B LOAD OR A-TO-Y LOAD (TOTEM POLE)
VOLTAGE WAVEFORMS MEASURED AT TP1
PROPAGATION DELAY TIMES (A to B)
2.7 V
VOH
VOL
0 V
500
CL = 50 pF
(see Note A)
TP1
VCC CABLE
CL = 50 pF
(see Note A)
Sink Load
Source Load
1.4 V
VOH − 1.4 V
500
tPHL
tPLH
Output
1.4 V
VOL + 1.4 V
tw
When Measuring the Cable Side, VCC CABLE × 2 V
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
Figure 3. Load Circuits and Voltage Waveforms
8


Número de pieza similar - SN74AHC04DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC04DRG4 TI-SN74AHC04DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04DRG4 TI-SN74AHC04DRG4 Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
More results

Descripción similar - SN74AHC04DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com