Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FGB3040CS Datasheet(Hoja de datos) 6 Page - Fairchild Semiconductor

No. de Pieza. FGB3040CS
Descripción  EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
FGB3040CS Rev. A
www.fairchildsemi.com
6
Figure 18. IGBT Normalized Transient Thermal Impedance, Junction to Case
Typical Performance Curves
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ISL9V3040D3S_04EcoSPARKTM 300mJ 400V N-Channel Ignition IGBT 1 2 3 4 5 MoreFairchild Semiconductor
ISL9V3036D3S_04EcoSPARKTM 300mJ 360V N-Channel Ignition IGBT 1 2 3 4 5 MoreFairchild Semiconductor
ISL9V2040D3S_04EcoSPARKTM 200mJ 400V N-Channel Ignition IGBT 1 2 3 4 5 MoreFairchild Semiconductor
ISL9V5036S3S_04EcoSPARKTM 500mJ 360V N-Channel Ignition IGBT 1 2 3 4 5 MoreFairchild Semiconductor
FGD2N40L400V N-Channel Logic Level IGBT 1 2 3 4 5 MoreFairchild Semiconductor
MGP15N35CL_06Ignition IGBT 15 Amps 350 Volts N-Channel TO-220 and D2PAK 1 2 3 4 5 MoreON Semiconductor
MGP15N40CL_05Ignition IGBT 15 Amps 410 Volts N-Channel TO-220 and D2PAK 1 2 3 4 5 MoreON Semiconductor
ISL9V5036S3STEcoSPARK 500mJ 360V N-Channel Ignition IGBT 1 2 3 4 5 MoreFairchild Semiconductor
FQP6N40400V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STGD10NC60KDN-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl