Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AVC16T245DGVRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
74AVC16T245DGVRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 22 page www.ti.com FEATURES DESCRIPTION/ORDERING INFORMATION DGG OR DGV PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1DIR 1B1 1B2 GND 1B3 1B4 VCCB 1B5 1B6 GND 1B7 1B8 2B1 2B2 GND 2B3 2B4 VCCB 2B5 2B6 GND 2B7 2B8 2DIR 1OE 1A1 1A2 GND 1A3 1A4 VCCA 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCCA 2A5 2A6 GND 2A7 2A8 2OE The SN74AVC16T245 is designed for asynchronous communication between data buses. The device transmits SN74AVC16T245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES551C – FEBRUARY 2004 – REVISED AUGUST 2005 • Control Inputs VIH/VIL Levels Are Referenced to VCCA Voltage • VCC Isolation Feature – If Either VCC Input Is at GND, Both Ports Are in the High-Impedance State • Overvoltage-Tolerant Inputs/Outputs Allow Mixed-Voltage-Mode Data Communications • Fully Configurable Dual-Rail Design Allows Each Port to Operate Over the Full 1.2-V to 3.6-V Power-Supply Range • Ioff Supports Partial-Power-Down Mode Operation • I/Os Are 4.6-V Tolerant • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Protection Exceeds JESD 22 – 8000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) This 16-bit noninverting bus transceiver uses two separate configurable power-supply rails. The SN74AVC16T245 is optimized to operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is operational with VCCA/VCCB as low as 1.2 V. The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB accepts any supply voltage from 1.2 V to 3.6 V. This allows for universal low-voltage bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes. data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the outputs so the buses effectively are isolated. The SN74AVC16T245 is designed so that the control pins (1DIR, 2DIR, 1OE, and 2OE) are supplied by VCCA. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING TSSOP – DGG Tape and reel SN74AVC16T245DGGR AVC16T245 TVSOP – DGV Tape and reel SN74AVC16T245DGVR WF245 –40 °C to 85°C VFBGA – GQL SN74AVC16T245GQLR Tape and reel WF245 VFBGA – ZQL (Pb-free) SN74AVC16T245ZQLR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - 74AVC16T245DGVRG4 |
|
Descripción similar - 74AVC16T245DGVRG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |