Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5373 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADL5373
Descripción Electrónicos  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5373 Datasheet(HTML) 3 Page - Analog Devices

  ADL5373 Datasheet HTML 1Page - Analog Devices ADL5373 Datasheet HTML 2Page - Analog Devices ADL5373 Datasheet HTML 3Page - Analog Devices ADL5373 Datasheet HTML 4Page - Analog Devices ADL5373 Datasheet HTML 5Page - Analog Devices ADL5373 Datasheet HTML 6Page - Analog Devices ADL5373 Datasheet HTML 7Page - Analog Devices ADL5373 Datasheet HTML 8Page - Analog Devices ADL5373 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADL5375
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended drive; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a
500 mV (ADL5375-05) or 1500 mV (ADL5375-15) dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
Table 1.
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
OPERATING FREQUENCY RANGE
Low frequency
400
400
MHz
High frequency
6000
6000
MHz
LO = 450 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.87
0.46
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.1
−3.5
dB
Output P1dB
9.4
9.9
dBm
Output Return Loss
−14.7
−14.7
dB
Carrier Feedthrough
−48.0
−52.2
dBm
Sideband Suppression
−33.1
−35.5
dBc
Quadrature Error
2.52
1.64
Degrees
I/Q Amplitude Balance
−0.05
−0.07
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−74.5
−74.5
dBc
ADL5375-05
POUT = 0.87 dBm
ADL5375-15
POUT = 0.46 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−51.3
−77.1
dBc
ADL5375-05
POUT = 0.87 dBm
ADL5375-15
POUT = 0.46 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
65.0
67.9
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
28.1
23.0
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.5
−157.0
dBm/Hz
LO = 900 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.87
0.47
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.1
−3.5
dB
Output P1dB
9.4
9.9
dBm
Output Return Loss
−14.1
−14.1
dB
Carrier Feedthrough
−46.2
−46.2
dBm
Sideband Suppression
−52.1
−50.4
dBc
Quadrature Error
−0.29
−0.37
Degrees
I/Q Amplitude Balance
−0.05
−0.07
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−73.3
−73
dBc
ADL5375-05
POUT = 0.87 dBm
ADL5375-15
POUT = 0.47 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−51.5
−71
dBc
ADL5375-05
POUT = 0.87 dBm
ADL5375-15
POUT = 0.47 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
68.3
66.2
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz,
POUT ≈ −5 dBm @ fLO = 900 MHz
26.8
22.9
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.0
−157.1
dBm/Hz


Número de pieza similar - ADL5373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5373 AD-ADL5373 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5373 AD-ADL5373 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5373 AD-ADL5373 Datasheet
134Kb / 3P
   Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results

Descripción similar - ADL5373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com