Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS982C6R Datasheet(PDF) 10 Page - Fuji Electric

No. de pieza TS982C6R
Descripción Electrónicos  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS982C6R Datasheet(HTML) 10 Page - Fuji Electric

Back Button TS982C6R Datasheet HTML 4Page - Fuji Electric TS982C6R Datasheet HTML 5Page - Fuji Electric TS982C6R Datasheet HTML 6Page - Fuji Electric TS982C6R Datasheet HTML 7Page - Fuji Electric TS982C6R Datasheet HTML 8Page - Fuji Electric TS982C6R Datasheet HTML 9Page - Fuji Electric TS982C6R Datasheet HTML 10Page - Fuji Electric TS982C6R Datasheet HTML 11Page - Fuji Electric TS982C6R Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MS5D3305
10/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
02
46
8
0
5
10
15
20
25
30
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Per 1element
DC
Square wave λ=60°
Forward Power Dissipation (max.)
IF(AV) Average Forward Current
(A)
0
100
200
300
400
500
600
700
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
Reverse Power Dissipation (max.)
α=180°
DC
VR
Reverse Voltage
(V)
λ
360°
I0
α
360°
VR
0
100
200
300
400
500
600
700
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic (typ.)
Tj=25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR Reverse Voltage (V)
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
Tj=100°C
Tj=25°C
Tj=125°C
Tj=150°C
Forward Characteristic (typ.)
VF Forward Voltage (V)


Número de pieza similar - TS982C6R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
TS982C6R FUJI-TS982C6R Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C6R FUJI-TS982C6R_10 Datasheet
635Kb / 6P
   Low-Loss Fast Recovery Diode
More results

Descripción similar - TS982C6R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com