Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6144IRHBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS6144IRHBT
Descripción Electrónicos  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6144IRHBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS6144IRHBT Datasheet HTML 1Page - Texas Instruments ADS6144IRHBT Datasheet HTML 2Page - Texas Instruments ADS6144IRHBT Datasheet HTML 3Page - Texas Instruments ADS6144IRHBT Datasheet HTML 4Page - Texas Instruments ADS6144IRHBT Datasheet HTML 5Page - Texas Instruments ADS6144IRHBT Datasheet HTML 6Page - Texas Instruments ADS6144IRHBT Datasheet HTML 7Page - Texas Instruments ADS6144IRHBT Datasheet HTML 8Page - Texas Instruments ADS6144IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198A – JULY 2007 – REVISED OCTOBER 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6145
ADS6144
ADS6143
ADS6142
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
14
14
14
14
Bits
ANALOG INPUT
Differential input voltage range
2
2
2
2
VPP
Differential input resistance (dc),
> 1
> 1
> 1
> 1
M
see Figure 94
Differential input capacitance,
7
7
7
7
pF
see Figure 95
Analog input bandwidth
450
450
450
450
MHz
Analog input common-mode current
180
151
114
92
µA
(per input pin of each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1
1
1
1
V
VREFT
Internal reference top voltage
2
2
2
2
V
ΔVREF
Internal reference error
-20
± 5
20
-20
± 5
20
-20
± 5
20
-20
± 5
20
mV
(VREFT–VREFB)
VCM
Common-mode output voltage
1.5
1.5
1.5
1.5
V
VCM Output current capability
4
4
4
4
mA
DC ACCURACY
No missing codes
Specified
Specified
Specified
Specified
EO
Offset error
-10
± 2
10
-10
± 2
10
-10
± 2
10
-10
± 2
10
mV
Offset error temperature coefficient
0.05
0.05
0.05
0.05
mV/
°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference
-1
0.25
1
-1
0.25
1
-1
0.25
1
-1
0.25
1
% FS
inaccuracy alone, (
ΔVREF /2) %
EGCHAN
Gain error of channel alone(1)
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
% FS
Channel gain error temperature
0.005
0.005
0.005
0.005
Δ%/
°C
coefficient
DNL
Differential nonlinearity
-0.95
± 0.6
2
-0.95
± 0.6
2
-0.95
± 0.5
2
-0.95
± 0.5
2
LSB
INL
Integral nonlinearity
-4.5
± 2.5
4.5
-4.5
± 2.5
4.5
-4
± 2
4
-4
± 2
4
LSB
POWER SUPPLY
IAVDD
Analog supply current
123
110
94
84
mA
Digital supply current, CMOS
interface,
IDRVDD
6.1
5.4
4.5
4.0
mA
DRVDD = 1.8 V,
No load capacitance, Fin= 2 MHz
(2)
Digital supply current, LVDS
interface,
IDRVDD
42
42
42
42
mA
DRVDD = 3.3 V,
with 100-
Ω external termination
Total power, CMOS,
417
625
374
525
318
440
285
400
mW
DRVDD = 3.3 V
Global power down
30
60
30
60
30
60
30
60
mW
(1)
Specified by design and characterization; not tested in production.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on the output pins (see Figure 87).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Número de pieza similar - ADS6144IRHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6144 TI1-ADS6144 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Descripción similar - ADS6144IRHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com