Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27966SQ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27966SQ
Descripción Electrónicos  White LED Driver with I2C Compatible Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966SQ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM27966SQ Datasheet HTML 1Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 2Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 3Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 4Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 5Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 6Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 7Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 8Page - National Semiconductor (TI) LM27966SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VRESET =VIN; VIO = 1.8V VDx = 0.4V; VDAUX = 0.4V; RSET = 16.9kΩ;Dx =DAUX =
Fullscale Current; EN-MAIN, EN-D5 Bits = “1”; C1=C2=1.0µF, C
IN=COUT=1.0µF; Specifications related to output current(s) and
current setting pins (I
Dx and ISET) apply to Main Display and Auxiliary LED. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
RESET
Reset Voltage Thresholds
2.7V
≤ V
IN
≤ 5.5V
Reset
0
0.45
V
Normal
Operation
1.2
V
IN
I
2C Compatible Interface Voltage Specifications (SCL, SDIO, VIO)
V
IO
Serial Bus Voltage Level
2.7V
≤ V
IN
≤ 5.5V(Note 13)
1.4
V
IN
V
V
IL
Input Logic Low "0"
2.7V
≤ V
IN
≤ 5.5V, VIO = 3.0V
0
0.3 x
V
IO
V
V
IH
Input Logic High "1"
2.7V
≤ V
IN
≤ 5.5V, VIO = 3.0V
0.7 x
V
IO
V
IO
V
V
OL
Output Logic Low "0"
I
LOAD = 3mA
400
mV
I
2C Compatible Interface Timing Specifications (SCL, SDIO, VIO)(Note 14)
t
1
SCL (Clock Period)
2.5
µs
t
2
Data In Setup Time to SCL High
100
ns
t
3
Data Out stable After SCL Low
0
ns
t
4
SDIO Low Setup Time to SCL Low
(Start)
100
ns
t
5
SDIO High Hold Time After SCL
High (Stop)
100
ns
20190113
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 170˚C (typ.) and disengages at TJ =
165˚C (typ.).
Note 4: For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1187: Leadless Leadframe Package
(AN-1187).
Note 5: The human body model is a 100pF capacitor discharged through 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Note 6: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 100˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 7: Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design. For more information, please refer to National Semiconductor Application Note 1187:
Leadless Leadframe Package (AN-1187).
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 9: CIN,CPOUT,C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
www.national.com
4


Número de pieza similar - LM27966SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27966SQ/NOPB TI1-LM27966SQ/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
LM27966SQX/NOPB TI1-LM27966SQX/NOPB Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
More results

Descripción similar - LM27966SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com