Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

REG1117 Datasheet(PDF) 3 Page - Texas Instruments

No. de Pieza. REG1117
Descripción  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

REG1117 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
3
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VO/IO
PACKAGE-LEAD
PACKAGE
DESIGNATOR
OPERATING
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA,
QUANTITY
−40
°C to
REG1117-2.85
Rails, 80
REG1117-2.85
2.85/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11172
REG1117-2.85
Tape and Reel,
2500
−40
°C to
REG1117-3.3
Rails, 80
REG1117-3.3
3.3/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11174
REG1117-3.3
Tape and Reel,
2500
REG1117F-3.3
3.3/800mA
DDPAK-3
KTT
−40
°C to
BB1117F4
REG1117F-3.3KTTT
Tape and Reel,
50
REG1117F-3.3
3.3/800mA
DDPAK-3
KTT
−40 C to
+125
°C
BB1117F4
REG1117F-3.3/500
Tape and Reel,
500
−40
°C to
REG1117-5
Rails, 80
REG1117-5
5V/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11175
REG1117-5
Tape and Reel,
2500
−40
°C to
REG1117
Rails, 80
REG1117
Adj./800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB1117
REG1117
Tape and Reel,
2500
−40
°C to
REG1117A-1.8
Rails, 80
REG1117A-1.8
1.8V/1A
SOT223-3
DCY
−40
°C to
+125
°C
R111718
REG1117A-1.8
Tape and Reel,
2500
REG1117FA-1.8
1.8/1A
DDPAK-3
KTT
−40
°C to
REG1117FA1.8
REG1117FA-1.8KTTT
Tape and Reel,
50
REG1117FA-1.8
1.8/1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA1.8
REG1117FA-1.8/500
Tape and Reel,
500
−40
°C to
REG1117A-2.5
Rails, 80
REG1117A-2.5
2.5/1A
SOT223-3
DCY
−40
°C to
+125
°C
R111725
REG1117A-2.5
Tape and Reel,
2500
REG1117FA-2.5
2.5/1A
DDPAK-3
KTT
−40
°C to
REG1117FA2.5
REG1117FA-2.5KTTT
Tape and Reel,
50
REG1117FA-2.5
2.5/1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA2.5
REG1117FA-2.5/500
Tape and Reel,
500
REG1117FA-5
5/1A
DDPAK-3
KTT
−40
°C to
BB1117FA5.0
REG1117FA-5/KTTT
Tape and Reel,
50
REG1117FA-5
5/1A
DDPAK-3
KTT
−40 C to
+125
°C
BB1117FA5.0
REG1117FA-5/500
Tape and Reel,
500
−40
°C to
REG1117A
Rails, 80
REG1117A
Adj./1A
SOT223-3
DCY
−40
°C to
+125
°C
BB1117A
REG1117A
Tape and Reel,
2500
REG1117FA
Adj./1A
DDPAK-3
KTT
−40
°C to
REG1117FA
REG1117FA/KTTT
Tape and Reel,
50
REG1117FA
Adj./1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA
REG1117FA/500
Tape and Reel,
500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn