Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8496-J15-A-T Datasheet(PDF) 6 Page - Unisonic Technologies

No. de pieza TDA8496-J15-A-T
Descripción Electrónicos  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496-J15-A-T Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA8496-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-030,C
TYPICAL APPLICATION CIRCUIT(Cont.)
VSS (V)
ST-BY
pin#9 (V)
VSVR
pin#7(V)
MUTE
pin#10 (V)
INPUT(mV)
VOUT(V)
IQ(mA)
5
2.5V
5
OFF STBY MUTE
PLAY
MUTESTBY OFF
Figure 2. Turn ON/OFF Sequences (use only the MUTE function)


Número de pieza similar - TDA8496-J15-A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TDA8496-J15-A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com