Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES2D Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP. |
|
ES2D Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP. |
2 / 2 page FIG.1-FORWARD CURRENT DERATING CURVE LEAD TEMPERATURE (℃) 80 150 140 130 120 110 100 90 RESISTIVE OR INDUCTIVE LOAD P.C.B. 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS 0 1.6 1.2 0.8 0.4 2.4 2.0 FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10 50 0.1 0.01 1 1.2 0.4 0.6 1.4 1.0 0.8 1.8 1.6 INSTANTANEOUS FORWARD VOLTAGE (VOLTS) TJ=25℃ PULSE WIDTH=300 mS 1% DUTY CYCLE FIG.5-TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE.VOLTS 1 0.1 100 10 0 2 4 6 8 10 12 14 TJ=25℃ f=1.0MHz Vsig=50mVp-P FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE T, PULSE DURATION ,sec. 0.1 100 10 1 10 1 100 MOUNTED ON 0.2X0.2"(5X7mm) COPPER PAD AREAS FIG.4-TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE (%) 0 100 80 60 40 20 1000 10 1 0.1 0.01 100 TJ=25℃ TJ=75℃ TJ=125℃ FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60Hz 1 100 10 0 10 15 20 25 30 5 8.3ms SINGLE HALF SINE WAVE (JEDEC Method) at TL=110℃ RATINGS AND CHARACTERISTIC CURVES ES2A THRU ES2J |
Número de pieza similar - ES2D |
|
Descripción similar - ES2D |