Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTLV1G125DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CBTLV1G125DBVR
Descripción Electrónicos  LOW-VOLTAGE SINGLE FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV1G125DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBTLV1G125DBVR Datasheet HTML 1Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 2Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 3Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 4Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 5Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 6Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 7Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 8Page - Texas Instruments SN74CBTLV1G125DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH − V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
2.5 V
±0.2 V
3.3 V
±0.3 V
500
500
VCC
RL
0.15 V
0.3 V
V
CL
30 pF
50 pF
SN74CBTLV1G125
LOW-VOLTAGE SINGLE FET BUS SWITCH
SCDS057H – MARCH 1998 – REVISED JUNE 2006
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output
control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Z
O = 50 Ω, tr ≤ 2 ns,
tf ≤ 2 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPZL and tPZH are the same as ten.
G.
tPLH and tPHL are the same as tpd.
H.
All parameters and waveforms are not applicable to all devices.
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback


Número de pieza similar - SN74CBTLV1G125DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTLV1G125DBVR TI-SN74CBTLV1G125DBVR Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125DBVR TI-SN74CBTLV1G125DBVR Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

Descripción similar - SN74CBTLV1G125DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com