Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-NIE1 Datasheet(PDF) 80 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-NIE1
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-NIE1 Datasheet(HTML) 80 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-NIE1 Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NIE1 Datasheet HTML 81Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
80
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
FIGURE
16-3: 44-lead Thin Quad Flat Pack (TQFP)
SST Package Code: TQJ
FIGURE
16-4: 40-contact Very-very-thin Quad Flat No-lead (WQFN)
SST Package Code: QI
Note:
1. Complies with JEDEC publication 95 MS-026 ACB dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (min/max).
3. Coplanarity: 0.1 (±0.05) mm.
4. Package body dimensions do not include mold flash. Maximum allowable mold flash is .25mm.
44-tqfp-TQJ-7
.45
.75
10.00 ± 0.10
12.00 ± 0.25
1.00 ref
0˚- 7˚
1
11
33
23
12
22
44
34
1.2
max.
.95
1.05
.05
.15
Pin #1 Identifier
.30
.45
.09
.20
.80 BSC
12.00 ± 0.25
10.00 ± 0.10
1mm
Note: 1. Complies with JEDEC JEP95 MO-220I, variant WJJD-5 except external paddle nominal dimensions.
2. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle should be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
40-wqfn-6x6-QI-1
4.1
0.5 BSC
See notes
2 and 3
Pin #1
0.30
0.18
0.075
4.1
0.2
6.00 ± 0.10
6.00 ± 0.10
0.05 Max
0.45
0.35
0.80
0.70
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm


Número de pieza similar - SST89V58RD2-33-C-NIE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-NI SST-SST89V58RD2-33-C-NI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V58RD2-33-C-NI SST-SST89V58RD2-33-C-NI Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-NIE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com