Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-TQIE1 Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-TQIE1
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-33-I-TQIE1 Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-TQIE1 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIE1 Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
30
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
SMOD1
Double Baud rate bit. If SMOD1 = 1, Timer 1 is used to generate the baud rate, and the
serial port is used in modes 1, 2, and 3.
SMOD0
FE/SM0 Selection bit.
0: SCON[7] = SM0
1: SCON[7] = FE,
BOF
Brown-out detection status bit, this bit will not be affected by any other reset. BOF
should be cleared by software. Power-on reset will also clear the BOF bit.
0: No brown-out.
1: Brown-out occurred
POF
Power-on reset status bit, this bit will not be affected by any other reset. POF should be
cleared by software.
0: No Power-on reset.
1: Power-on reset occurred
GF1
General-purpose flag bit.
GF0
General-purpose flag bit.
PD
Power-down bit, this bit is cleared by hardware after exiting from power-down mode.
0: Power-down mode is not activated.
1: Activates Power-down mode.
IDL
Idle mode bit, this bit is cleared by hardware after exiting from idle mode.
0: Idle mode is not activated.
1: Activates idle mode.
SPI Data Register (SPDR)
Location
76543210
Reset Value
86H
SPDR[7:0]
00H
Power Control Register (PCON)
Location
76543210
Reset Value
87H
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
00010000b


Número de pieza similar - SST89V52RD2-33-I-TQIE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-TQI SST-SST89V52RD2-33-I-TQI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQI SST-SST89V52RD2-33-I-TQI Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V52RD2-33-I-TQIE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com