Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-NJE1 Datasheet(PDF) 42 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-NJE1
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-NJE1 Datasheet(HTML) 42 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-NJE1 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NJE1 Datasheet HTML 46Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
42
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
6.1.2 Automatic Address Recognition
Automatic Address Recognition helps to reduce the MCU
time and power required to talk to multiple serial devices.
Each device is hooked together sharing the same serial
link with its own address. In this configuration, a device is
only interrupted when it receives its own address, thus
eliminating the software overhead to compare addresses.
This same feature helps to save power because it can be
used in conjunction with idle mode to reduce the system’s
overall power consumption. Since there may be multiple
slaves hooked up serial to one master, only one slave
would have to be interrupted from idle mode to respond to
the master’s transmission. Automatic Address Recognition
(AAR) allows the other slaves to remain in idle mode while
only one is interrupted. By limiting the number of interrup-
tions, the total current draw on the system is reduced.
There are two ways to communicate with slaves: a group of
them at once, or all of them at once. To communicate with a
group of slaves, the master sends out an address called
the given address. To communicate with all the slaves, the
master sends out an address called the “broadcast”
address.
AAR can be configured as mode 2 or 3 (9-bit modes) and
setting the SM2 bit in SCON. Each slave has its own SM2
bit set waiting for an address byte (9th bit = 1). The Receive
Interrupt (RI) flag will only be set when the received byte
matches either the given address or the broadcast
address. Next, the slave then clears its SM2 bit to enable
reception of the data bytes (9th bit = 0) from the master.
When the 9th bit = 1, the master is sending an address.
When the 9th bit = 0, the master is sending actual data.
If mode 1 is used, the stop bit takes the place of the 9th bit.
Bit RI is set only when the received command frame
address matches the device’s address and is terminated
by a valid stop bit. Note that mode 0 cannot be used. Set-
ting SM2 bit in the SCON register in mode 0 will have no
effect.
Each slave’s individual address is specified by SFR
SADDR. SFR SADEN is a mask byte that defines “don’t
care” bits to form the given address when combined with
SADDR. See the example below:
6.1.2.1 Using the Given Address to Select Slaves
Any bits masked off by a 0 from SADEN become a “don’t
care” bit for the given address. Any bit masked off by a 1,
becomes ANDED with SADDR. The “don’t cares” provide
flexibility in the user-defined addresses to address more
slaves when using the given address.
Shown in the example above, Slave 1 has been given an
address of 1111 0001 (SADDR). The SADEN byte has
been used to mask off bits to a given address to allow more
combinations of selecting Slave 1 and Slave 2. In this case
for the given addresses, the last bit (LSB) of Slave 1 is a
“don’t care” and the last bit of Slave 2 is a 1. To communi-
cate with Slave 1 and Slave 2, the master would need to
send an address with the last bit equal to 1 (e.g. 1111
0001) since Slave 1’s last bit is a don’t care and Slave 2’s
last bit has to be a 1. To communicate with Slave 1 alone,
the master would send an address with the last bit equal to
0 (e.g. 1111 0000), since Slave 2’s last bit is a 1. See the
table below for other possible combinations.
If the user added a third slave such as the example below:
Slave 1
SADDR
=
1111 0001
SADEN
=
1111 1010
GIVEN
=
1111 0X0X
Slave 2
SADDR
=
1111 0011
SADEN
=
1111 1001
GIVEN
=
1111 0XX1
Select Slave 1 Only
Slave 1
Given Address
Possible Addresses
1111 0X0X
1111 0000
1111 0100
Select Slave 2 Only
Slave 2
Given Address
Possible Addresses
1111 0XX1
1111 0111
1111 0011
Select Slaves 1 and 2
Slaves 1 and 2
Possible Addresses
1111 0001
1111 0101
Slave 3
SADDR =
1111
1001
SADEN =
1111
0101
GIVEN
=
1111 X0X1


Número de pieza similar - SST89V58RD2-33-C-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-NJE SST-SST89V58RD2-33-C-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89V58RD2-33-C-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com