Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-I-NJE1 Datasheet(PDF) 37 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-I-NJE1
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-I-NJE1 Datasheet(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-NJE1 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 41Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
37
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
4.2.4.7 Prog-SC0, Prog-SC1
Prog-SC0 command is used to program the SC0 bit. This
command only changes the SC0 bit and has no effect on
BSEL bit until after a reset cycle.
SC0 bit previously in un-programmed state can be pro-
grammed by this command. The Prog-SC0 command
should reside only in Block 1 or external code memory.
Prog-SC1 command is used to program the SC1 bit. This
command only changes the SC1 bit and has no effect on
SFCF[1] bit until after a reset cycle.
SC1 bit previously in un-programmed state can be pro-
grammed by this command. The Prog-SC1 command
should reside only in Block 1 or external code memory.
FIGURE
4-7: Prog-SC0 and Prog-SC1
4.2.4.8 Enable-Clock-Double
Enable-Clock-Double command is used to make the MCU
run at 6 clocks per machine cycle. The standard (default) is
12 clocks per machine cycle (i.e. clock double command
disabled).
FIGURE
4-8: Enable-Clock-Double
4.2.5 Polling
A command that uses the polling method to detect flash
operation completion should poll on the FLASH_BUSY bit
(SFST[2]). When FLASH_BUSY de-asserts (logic 0), the
device is ready for the next operation.
MOVC instruction may also be used for verification of the
Programming and Erase operation of the flash memory.
MOVC instruction will fail if it is directed at a flash block that
is still busy.
4.2.6 Interrupt Termination
If interrupt termination is selected, (SFCM[7] is set), then
an interrupt (INT1) will be generated to indicate flash opera-
tion completion. Under this condition, the INT1 becomes an
internal interrupt source. The INT1# pin can now be used
as a general purpose port pin and it cannot be the source
of External Interrupt 1 during in-application programming.
In order to use an interrupt to signal flash operation termi-
nation. EX1 and EA bits of IE register must be set. The IT1
bit of TCON register must also be set for edge trigger
detection.
Program SC0 or SC1 -
Interrupt scheme
MOV SFCM, #89H
Program SC0 or SC1 -
Polling scheme
MOV SFCM, #09H
INT1# Interrupt
indicates completion
Polling SFST[2]
indicates completion
1255 F14.0
IAP Enable
ORL SFCF, #40H
Set-up Program SC1
MOV SFAH, #0AAH
MOV SFDT, #0AAH
Set-up Program SC0
MOV SFAH, #5AH
MOV SFDT, #0AAH
Program Enable-Clock-Double
Interrupt scheme
MOV SFCM, #88H
Program Enable-Clock-Double
Polling scheme
MOV SFCM, #08H
INT1# Interrupt
indicates completion
Polling SFST[2]
indicates completion
1255 F15.0
IAP Enable
ORL SFCF, #40H
Set-up Enable-Clock-Double
MOV SFAH, #55H
MOV SFDT, #0AAH


Número de pieza similar - SST89E58RD2-33-I-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-I-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com