Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-I-NJE1 Datasheet(PDF) 47 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-I-NJE1
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-I-NJE1 Datasheet(HTML) 47 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-NJE1 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJE1 Datasheet HTML 51Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
47
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
The table below summarizes various clock inputs at two common frequencies.
The four possible CMOD timer modes with and without the overflow interrupt enabled are shown below. This list
assumes that PCA will be left running during idle mode.
The CCON register is associated with all PCA timer functions. It contains run control bits and flags for the PCA
timer (CF) and all modules. To run the PCA the CR bit (CCON.6) must be set by software. Clearing the bit, will turn
off PCA. When the PCA counter overflows, the CF (CCON.7) will be set, and an interrupt will be generated if the
ECF bit in the CMOD register is set. The CF bit can only be cleared by software. Each module has its own timer
interrupt or capture interrupt flag (CCF0 for module 0, CCF4 for module 4, etc.). They are set when either a match
or capture occurs. These flags can only be cleared by software. (See “PCA Timer/Counter Control Register
(CCON)” on page 26.)
TABLE
8-2: PCA Timer/Counter Inputs
PCA Timer/Counter Mode
Clock Increments
12 MHz
16 MHz
Mode 0: fOSC/12
1 µsec
0.75 µsec
Mode 1:
330 nsec
250 nsec
Mode 2: Timer 0 Overflows1
1. In Mode 2, the overflow interrupt for Timer 0 does not need to be enabled.
Timer 0 programmed in:
8-bit mode
256 µsec
192 µsec
16-bit mode
65 msec
49 µsec
8-bit auto-reload
1 to 255 µsec
0.75 to 191 µsec
Mode 3: External Input MAX
0.66 µsec
0.50 µsec
T8-2.0 1255
TABLE
8-3: CMOD Values
PCA Count Pulse Selected
CMOD Value
Without Interrupt Enabled
With Interrupt Enabled
Internal clock, fOSC/12
00H
01H
Internal clock, fOSC/4
02H
03H
Timer 0 overflow
04H
05H
External clock at P1.2
06H
07H
T8-3.0 1255


Número de pieza similar - SST89E58RD2-33-I-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-I-NJE1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com