Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-I-PIF2 Datasheet(PDF) 53 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-I-PIF2
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-I-PIF2 Datasheet(HTML) 53 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-PIF2 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-PIF2 Datasheet HTML 57Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
53
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
8.3.4 Pulse Width Modulator
The Pulse Width Modulator (PWM) mode is used to gener-
ate 8-bit PWMs by comparing the low byte of the PCA
timer (CL) with the low byte of the compare register
(CCAPnL). When CL < CCAPnL the output is low. When
CL
≥ CCAPnL the output is high. To activate this mode, the
user must set the PWM and ECOM bits in the module’s
CCAPMn SFR. (See Figure 8-5 and Table 8-7)
In PWM mode, the frequency of the output depends on the
source for the PCA timer. Since there is only one set of CH
and CL registers, all modules share the PCA timer and fre-
quency. Duty cycle of the output is controlled by the value
loaded into the high byte (CCAPnH). Since writes to the
CCAPnH register are asynchronous, a new value written to
the high byte will not be shifted into CCAPnL for compari-
son until the next period of the output (when CL rolls over
from 255 to 00).
To calculate values for CCAPnH for any duty cycle, use
the following equation:
CCAPnH = 256(1 - Duty Cycle)
where CCAPnH is an 8-bit integer and Duty Cycle is a
fraction.
FIGURE
8-5: PCA Pulse Width Modulator Mode
TABLE
8-7: Pulse Width Modulator Frequencies
PCA Timer Mode
PWM Frequency
12 MHz
16 MHz
1/12 Oscillator Frequency
3.9 KHz
5.2 KHz
1/4 Oscillator Frequency
11.8 KHz
15.6 KHz
Timer 0 Overflow:
8-bit
15.5 Hz
20.3 Hz
16-bit
0.06 Hz
0.08 Hz
8-bit Auto-Reload
3.9 KHz to 15.3 Hz
5.2 KHz to 20.3 Hz
External Input (Max)
5.9 KHz
7.8 KHz
T8-7.0 1255
1255 F27.0
ECOMn CAPPn CAPNn
MATn
TOGn
PWMn ECCFn
CCAPMn
n=0 to 4
CL
CCAPnL
CCAPnH
PCA Timer/Counter
0
00
00
8-bit Comparator
Overflow
CL < CCAPnL
CL >= CCAPnL
Enable
CEXn
0
1


Número de pieza similar - SST89E58RD2-33-I-PIF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-I-PI SST-SST89E58RD2-33-I-PI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-PI SST-SST89E58RD2-33-I-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-I-PIF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com