Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-TQIF2 Datasheet(PDF) 61 Page - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-TQIF2
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-33-I-TQIF2 Datasheet(HTML) 61 Page - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-TQIF2 Datasheet HTML 57Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 58Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQIF2 Datasheet HTML 65Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
61
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
12.0 POWER-SAVING MODES
The device provides two power saving modes of operation
for applications where power consumption is critical. The
two modes are idle and power-down, see Table 12-1.
12.1 Idle Mode
Idle mode is entered setting the IDL bit in the PCON regis-
ter. In idle mode, the program counter (PC) is stopped. The
system clock continues to run and all interrupts and periph-
erals remain active. The on-chip RAM and the special func-
tion registers hold their data during this mode.
The device exits idle mode through either a system inter-
rupt or a hardware reset. Exiting idle mode via system
interrupt, the start of the interrupt clears the IDL bit and
exits idle mode. After exit the Interrupt Service Routine, the
interrupted program resumes execution beginning at the
instruction immediately following the instruction which
invoked the idle mode. A hardware reset starts the device
similar to a power-on reset.
12.2 Power-down Mode
The power-down mode is entered by setting the PD bit in
the PCON register. In the power-down mode, the clock is
stopped and external interrupts are active for level sensitive
interrupts only. SRAM contents are retained during power-
down, the minimum VDD level is 2.0V.
The device exits power-down mode through either an
enabled external level sensitive interrupt or a hardware
reset. The start of the interrupt clears the PD bit and exits
power-down. Holding the external interrupt pin low restarts
the oscillator, the signal must hold low at least 1024 clock
cycles before bringing back high to complete the exit. Upon
interrupt signal being restored to logic VIH, the first instruc-
tion of the interrupt service routine will execute. A hardware
reset starts the device similar to power-on reset.
To exit properly out of power-down, the reset or external
interrupt should not be executed before the VDD line is
restored to its normal operating voltage. Be sure to hold
VDD voltage long enough at its normal operating level for
the oscillator to restart and stabilize (normally less than
10 ms).
TABLE
12-1: Power Saving Modes
Mode
Initiated by
State of MCU
Exited by
Idle Mode
Software
(Set IDL bit in PCON)
MOV PCON, #01H;
CLK is running.
Interrupts, serial port and tim-
ers/counters are active. Pro-
gram Counter is stopped.
ALE and PSEN# signals at a
HIGH level during Idle. All
registers remain unchanged.
Enabled interrupt or hardware reset.
Start of interrupt clears IDL bit and
exits idle mode, after the ISR RETI
instruction, program resumes execu-
tion beginning at the instruction follow-
ing the one that invoked idle mode. A
user could consider placing two or
three NOP instructions after the
instruction that invokes idle mode to
eliminate any problems. A hardware
reset restarts the device similar to a
power-on reset.
Power-down
Mode
Software
(Set PD bit in PCON)
MOV PCON, #02H;
CLK is stopped. On-chip
SRAM and SFR data is main-
tained. ALE and PSEN# sig-
nals at a LOW level during
power -down. External Inter-
rupts are only active for level
sensitive interrupts, if
enabled.
Enabled external level sensitive inter-
rupt or hardware reset. Start of inter-
rupt clears PD bit and exits power-
down mode, after the ISR RETI
instruction program resumes execution
beginning at the instruction following
the one that invoked power-down
mode. A user could consider placing
two or three NOP instructions after the
instruction that invokes power-down
mode to eliminate any problems. A
hardware reset restarts the device sim-
ilar to a power-on reset.
T12-1.0 1255


Número de pieza similar - SST89V52RD2-33-I-TQIF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-TQI SST-SST89V52RD2-33-I-TQI Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQI SST-SST89V52RD2-33-I-TQI Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V52RD2-33-I-TQIF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com