Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-33-I-NJF2 Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-33-I-NJF2
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-33-I-NJF2 Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-33-I-NJF2 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E58RD2-33-I-NJF2 Datasheet HTML 39Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
35
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
4.2.4.1 Chip-Erase
The Chip-Erase command erases all bytes in both memory
blocks. This command is only allowed when EA#=0 (exter-
nal memory execution). Additionally this command is not
permitted when the device is in level 4 locking. In all other
instances, this command ignores the Security Lock status
and will erase the security lock bits and re-map bits.
FIGURE
4-1: Chip-Erase
4.2.4.2 Block-Erase
The Block-Erase command erases all bytes in one of the
two memory blocks (Block 0 or Block 1). The selection of
the memory block to be erased is determined by the
(SFAH[7]) of the SuperFlash Address Register. For
SST89x5xRD2/RD, if SFAH[7] = 0b, the primary flash
memory Block 0 is selected. If SFAH[7:4] = EH, the sec-
ondary flash memory Block 1 is selected. The Block-Erase
command sequence for SST89x5xRD2/RD is as follows:
FIGURE
4-2: Block-Erase
4.2.4.3 Sector-Erase
The Sector-Erase command erases all of the bytes in a
sector. The sector size for the flash memory blocks is 128
Bytes. The selection of the sector to be erased is deter-
mined by the contents of SFAH and SFAL.
FIGURE
4-3: Sector-Erase
Set-Up
MOV SFDT, #55H
Interrupt scheme
MOV SFCM, #81H
Polling scheme
MOV SFCM, #01H
INT1 interrupt
indicates completion
SFST[2] indicates
operation completion
IAP Enable
ORL SFCF, #40H
1255 F08.0
Set-Up
MOV SFDT, #55H
IAP Enable
ORL SFCF, #40H
OR
Interrupt scheme
MOV SFCM, #8DH
Polling scheme
MOV SFCM, #0DH
Erase Block 1
MOV SFAH, #F0H
Erase Block 0
MOV SFAH, #00H
INT1 interrupt
indicates completion
SFST[2] indicates
operation completion
1255 F09.0
Program sector address
MOV SFAH, #sector_addressH
MOV SFAL, #sector_addressL
Interrupt scheme
MOV SFCM, #8BH
Polling scheme
MOV SFCM, #0BH
INT1 interrupt
indicates completion
SFST[2] indicates
operation completion
1255 F10.0
IAP Enable
ORL SFCF, #40H


Número de pieza similar - SST89E58RD2-33-I-NJF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-33-I-NJ SST-SST89E58RD2-33-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-33-I-NJF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com