Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AC11191N Datasheet(PDF) 5 Page - Texas Instruments |
|
74AC11191N Datasheet(HTML) 5 Page - Texas Instruments |
5 / 10 page 74AC11191 SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER SCAS105A – FEBRUARY 1990 – REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 5 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC – 0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) – 0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) – 0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ± 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ± 50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ± 50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND pins ± 150 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 3 5 5.5 V VCC = 3 V 2.1 VIH High-level input voltage VCC = 4.5 V 3.15 V VCC = 5.5 V 3.85 VCC = 3 V 0.9 VIL Low-level input voltage VCC = 4.5 V 1.35 V VCC = 5.5V 1.65 VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 3 V –4 IOH High-level output current VCC = 4.5 V –24 mA VCC = 5.5 V –24 VCC = 3 V 12 IOL Low-level output current VCC = 4.5 V 24 mA VCC = 5.5 V 24 Dt/Dv Input transition rise or fall rate 0 10 ns/V TA Operating free-air temperature –40 85 °C |
Número de pieza similar - 74AC11191N |
|
Descripción similar - 74AC11191N |