Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-QJF2 Datasheet(PDF) 65 Page - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-QJF2
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-33-I-QJF2 Datasheet(HTML) 65 Page - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-QJF2 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 67Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 68Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-QJF2 Datasheet HTML 69Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
65
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
14.1 DC Electrical Characteristics
TABLE
14-6: DC Electrical Characteristics for SST89E5xRD2/RD
TA = -40°C to +85°C; VDD = 4.5-5.5V; VSS = 0V
Symbol
Parameter
Test Conditions
Min
Max
Units
VIL
Input Low Voltage
4.5 < VDD < 5.5
-0.5
0.2VDD - 0.1
V
VIH
Input High Voltage
4.5 < VDD < 5.5
0.2VDD + 0.9
VDD + 0.5
V
VIH1
Input High Voltage (XTAL1, RST)
4.5 < VDD < 5.5
0.7VDD
VDD + 0.5
V
VOL
Output Low Voltage (Ports 1.5, 1.6, 1.7)
VDD = 4.5V
IOL = 16mA
1.0
V
VOL
Output Low Voltage (Ports 1, 2, 3)1
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:26mA
Maximum IOL total for all outputs:71mA
If IOL exceeds the test condition, VOL may exceed the related specification.
Pins are not guaranteed to sink current greater than the listed test conditions.
VDD = 4.5V
IOL = 100µA2
0.3
V
IOL = 1.6mA2
0.45
V
IOL = 3.5mA2
1.0
V
VOL1
Output Low Voltage (Port 0, ALE, PSEN#)1,3
VDD = 4.5V
IOL = 200µA2
0.3
V
IOL = 3.2mA2
0.45
V
VOH
Output High Voltage (Ports 1, 2, 3, ALE, PSEN#)4
VDD = 4.5V
IOH = -10µA
VDD - 0.3
V
IOH = -30µA
VDD - 0.7
V
IOH = -60µA
VDD - 1.5
V
VOH1
Output High Voltage (Port 0 in External Bus Mode)4
VDD = 4.5V
IOH = -200µA
VDD - 0.3
V
IOH = -3.2mA
VDD - 0.7
V
VBOD
Brown-out Detection Voltage
3.85
4.15
V
IIL
Logical 0 Input Current (Ports 1, 2, 3)
VIN = 0.4V
-75
µA
ITL
Logical 1-to-0 Transition Current (Ports 1, 2, 3)5
VIN = 2V
-650
µA
ILI
Input Leakage Current (Port 0)
0.45 < VIN < VDD-0.3
±10
µA
RRST
RST Pull-down Resistor
40
225
K
Ω
CIO
Pin Capacitance6
@ 1 MHz, 25°C
15
pF
IDD
Power Supply Current
IAP Mode
@ 40 MHz
88
mA
Active Mode
@ 40 MHz
50
mA
Idle Mode
@ 40 MHz
42
mA
Power-down Mode
TA = 0°C to +70°C
80
µA
TA = -40°C to +85°C
90
µA
T14-6.2 1255


Número de pieza similar - SST89V52RD2-33-I-QJF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-QJ SST-SST89V52RD2-33-I-QJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V52RD2-33-I-QJF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com