Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ7.0A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

No. de pieza SMCJ7.0A
Descripción Electrónicos  POWER 1500Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAESAN [DAESAN ELECTRONIC CORP.]
Página de inicio  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMCJ7.0A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SMCJ7.0A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMCJ7.0A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMCJ7.0A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMCJ7.0A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJ5.0 THRU SMCJ188CA
Features
Mechanical Data
· Underwriters Laboratory recognition under UL standard
for safety 497B : Isolated loop curcuit protection
· Low profile package with built-in strain relief for surface
mounted applications
· Glass passivated junction
· Low incremental surge resistance, excellent clamping
capability
· 1500W peak pulse power capability with a 10/1000μS
waveform, repetition rate(duty cycle) : 0.01%
· Very fast response time
· High temperature soldering guaranteed : 250℃/10 seconds
at terminals
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional devices, use suffix C or CA (e.g. SMCJ10C, SMCJ10CA).
Electrical characteristics apply in both directions.
· Case : JEDEC DO-214AB(SMC) molded plastic
over passivated chip
· Terminals : Solder plated , solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the band denotes
the cathode, which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.007 ounce, 0.25 gram
Peak pulse power dissipation with a 10/1000μS waveform (Note 1,2)
Peak pulse current with a waveform (Note 1)
Typical thermal resistance, junction to lead
Typical thermal resistance, junction to ambient (Note 3)
Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2)
Operating junction and storage temperature range
PPPM
Minimum 1500
Watts
Symbols
Values
Units
15
IPPM
See next table
Amps
200
75
IFSM
TJ,TSTG
-55 to +150
℃/W
℃/W
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
(2) Mounted on 0.31×0.31"(8.0×8.0mm) copper pads to each terminal
(3) Mounted on minimum recommended pad layout
POWER 1500Watts
VOLTAGE 5.0 to 188 Volts
JA
JL
Dimensions in inches and (millimeters)
0.124(3.15)
0.108(2.75)
0.245(6.22)
0.220(5.59)
0.012(0.31)
0.006(0.15)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.320(8.13)
0.305(7.75)
DO-214AB (SMC)


Número de pieza similar - SMCJ7.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SMCJ7.0A DCCOM-SMCJ7.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ7.0A MICROSEMI-SMCJ7.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ7.0A YANGJIE-SMCJ7.0A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
HY ELECTRONIC CORP.
SMCJ7.0A HY-SMCJ7.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ7.0A FCI-SMCJ7.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SMCJ7.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
LCE6.5A MCC-LCE6.5A Datasheet
221Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
LCE28A MCC-LCE28A_16 Datasheet
195Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com