Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5102-300-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SM5102-300-A
Descripción Electrónicos  OEM Silicon Pressure Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SM5102-300-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5102-300-A Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5102-300-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5102
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
Die dimensions in mm
CHARACTERISTICS FOR SM5102 - SPECIFICATIONS
All parameters are measured at 5.000V supply at room temperature, unless otherwise specified.
Min
Typ
Max
Units
Notes
Excitation Voltage
0
5
10
V
1
Excitation Current
0
1.5
3
mA
Span (FS Range)
5 psi
15 psi
30 psi
60 psi
100 psi
300 psi
75
115
130
130
130
130
100
145
165
180
200
220
125
175
195
220
250
275
mV
mV
mV
mV
mV
mV
2
Offset
-50
0
50
mV
TC Span
-24
-19
-15.5
%FS/100
oC3
TC Offset
-7
-1
+7
%FS/100
oC
TC Resistance
24
27.5
33
%/100
oC
Linearity
-0.3
±0.05
0.3
%FS
4
Bridge Impedance
2.70
3.15
4.00
kohm
Proof Pressure
3X
Rated FS
Burst Pressure
5X
Rated FS
Operating Temperature
-40
125
oC
Storage Temperature
-55
150
oC
Notes:
1.
Bridge may be driven with positive or negative voltage
as long as Vsub is not connected. Positive output for positive pressure
applied to circuit side of die when bridge is driven with positive voltage.
2.
Measured at 5V constant voltage excitation.
3.
Measured from 0 to 70 C
4.
Defined as best straight line.
+ Sig
-Sig
+V exc.
-V exc.
-V exc.
Vsub
2.00 mm
1.80 mm
1.38 mm
1.80 mm
Pad size =
0.12 X 0.12 mm
SM5102 die (2 mm square as sawn).
Covered under USA Mask-Copyright and may be covered
under US Patent Numbers 5,812,047 and 6,089,099
See separate Application Notes for typical range of variation in Saw
dimensions.
Positive output for pressure
applied to the top (circuit)
side of the sensor
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this
publication has been checked, no responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to
cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Pressure Ranges
PSI
5102
5
005
15
015
30
030
60
060
100
100
300
300
Custom ranges available in high volumes
ORDERING INFORMATION:
Pressure Type
A: Absolute
G: Gage
SM5102- 015 - A
Model Number
Pressure
range
Pressure
Type
Rev 1.2 8_02


Número de pieza similar - SM5102-300-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM5102-005-GX ETC2-SM5102-005-GX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
SM5102-015-AX ETC2-SM5102-015-AX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
SM5102-015-GX ETC2-SM5102-015-GX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
SM5102-030-AX ETC2-SM5102-030-AX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
SM5102-030-GX ETC2-SM5102-030-GX Datasheet
455Kb / 4P
   SMi PRESSURE SENSORS
More results

Descripción similar - SM5102-300-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Microstructures...
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM30G SMI-SM30G Datasheet
646Kb / 6P
   OEM Silicon Pressure Die
SM30D SMI-SM30D Datasheet
670Kb / 6P
   OEM Silicon Pressure Die
SM5108E SMI-SM5108E Datasheet
612Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
logo
Sensortechnics GmbH
PS2005AA SENSORTECHNICS-PS2005AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS9005AD SENSORTECHNICS-PS9005AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
   OEM Pressure Sensors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com