Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-NJE Datasheet(PDF) 81 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-NJE
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-NJE Datasheet(HTML) 81 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-NJE Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-NJE Datasheet HTML 81Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 81 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
81
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
TABLE
16-1: Revision History
Number
Description
Date
00
Initial Release
Mar 2004
01
Changed MPNs of SST89E/V5xRD2 PDIP devices to SST89E/V5xRD
Removed SST89E/V516RD2 devices and associated MPNs
Removed all industrial temperature PDIP devices and associated MPNs
Clarified Surface Mount Temperatures in “Absolute Maximum Stress Ratings” on
page 63
Changes in Tables 14-6 and 14-7:
– Removed the minimum VDD=2V for IDD Power-down (also Figure 14-13)
– Removed the 12 MHz values for IDD
Sep 2004
02
Corrected MPN breakdown definition for “2” to read “Port 4 present”
Corrected the SPI control Register definition for CPHA on page 29
Added SST89E/V5xRD industrial temperature PDIP devices and associated MPNs
Added RoHS compliance information on page 1 and in the “Product Ordering Infor-
mation” on page 76
Corrected the solder temperature profile under “Absolute Maximum Stress Rat-
ings” on page 63
Removed references to External Host Mode programming
Mar 2005
03
Made changes to add WQFN package
Mar 2006
04
Revised Figure 3-1 on page 11. Changed 7HHH to 1HHH.
Apr 2006
05
Revised Figure 3-1 on page 11. Changed 8000H to 2000H.
Changed document status from Preliminary Specification to Data Sheet.
May 2006
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com


Número de pieza similar - SST89E52RD2-40-I-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-NJE SST-SST89E52RD2-40-I-NJE Datasheet
984Kb / 91P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com