Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-NJ Datasheet(PDF) 48 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-NJ Datasheet(HTML) 48 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-NJ Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 52Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
48
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
8.3 Compare/Capture Modules
Each PCA module has an associated SFR with it. These
registers are: CCAPM0 for module 0, CCAPM1 for module
1, etc. Refer to “PCA Compare/Capture Module Mode Reg-
ister (CCAPMn)” on page 28 for details. The registers each
contain 7 bits which are used to control the mode each
module will operate in. The ECCF bit (CCAPMn.0 where n
= 0, 1, 2, 3, or 4 depending on module) will enable the CCF
flag in the CCON SFR to generate an interrupt when a
match or compare occurs. PWM (CCAPMn.1) enables the
pulse width modulation mode. The TOG bit (CCAPMn.2)
when set, causes the CEX output associated with the mod-
ule to toggle when there is a match between the PCA
counter and the module’s capture/compare register. When
there is a match between the PCA counter and the mod-
ule’s capture/compare register, the MATn (CCAPMn.3) and
the CCFn bit in the CCON register to be set.
Bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5) deter-
mine whether the capture input will be active on a positive
edge or negative edge. The CAPN bit enables the negative
edge that a capture input will be active on, and the CAPP
bit enables the positive edge. When both bits are set, both
edges will be enabled and a capture will occur for either
transition. The last bit in the register ECOM (CCAPMn.6)
when set, enables the comparator function. Table 8-5
shows the CCAPMn settings for the various PCA functions.
There are two additional register associated with each of
the PCA modules: CCAPnH and CCAPnL. They are regis-
ters that hold the 16-bit count value when a capture occurs
or a compare occurs. When a module is used in PWM
mode, these registers are used to control the duty cycle of
the output. See Figure 8-1.
TABLE
8-4: PCA High and Low Register Compare/Capture Modules
Symbol
Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
RESET
Value
MSB
LSB
CCAP0H PCA Module 0
Compare/Capture
Registers
FAH
CCAP0H[7:0]
00H
CCAP0L
EAH
CCAP0L[7:0]
00H
CCAP1H PCA Module 1
Compare/Capture
Registers
FBH
CCAP1H[7:0]
00H
CCAP1L
EBH
CCAP1L[7:0]
00H
CCAP2H PCA Module 2
Compare/Capture
Registers
FCH
CCAP2H[7:0]
00H
CCAP2L
ECH
CCAP2L[7:0]
00H
CCAP3H PCA Module 3
Compare/Capture
Registers
FDH
CCAP3H[7:0]
00H
CCAP3L
EDH
CCAP3L[7:0]
00H
CCAP4H PCA Module 4
Compare/Capture
Registers
FEH
CCAP4H[7:0]
00H
CCAP4L
EEH
CCAP4L[7:0]
00H
T8-4.0 1255


Número de pieza similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJE SST-SST89E58RD2-40-C-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com