Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-I-NJ Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-I-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-I-NJ Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-I-NJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89E58RD2-40-I-NJ Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Data Sheet
FlashFlex51 MCU
SST89E52RD2/RD / SST89E54RD2/RD / SST89E58RD2/RD
SST89V52RD2/RD / SST89V54RD2/RD / SST89V58RD2/RD
21
©2006 Silicon Storage Technology, Inc.
S71255-05-000
5/06
Symbol
Function
IAPEN
Enable IAP operation
0: IAP commands are disabled
1: IAP commands are enabled
SWR
Software Reset
See Section 10.2, “Software Reset”
BSEL
Program memory block switching bit
See Figures 3-1 through 3-3 and Table 3-2
Symbol
Function
FIE
Flash Interrupt Enable.
0: INT1# is not reassigned.
1: INT1# is re-assigned to signal IAP operation completion.
External INT1# interrupts are ignored.
FCM[6:0]
Flash operation command
000_0001b Chip-Erase
000_1011b Sector-Erase
000_1101b Block-Erase
000_1100b Byte-Verify1
000_1110b Byte-Program
000_1111b Prog-SB1
000_0011b Prog-SB2
000_0101b Prog-SB3
000_1001b Prog-SC0
000_1001b Prog-SC1
000_1000bEnable-Clock-Double
All other combinations are not implemented, and reserved for future use.
1. Byte-Verify has a single machine cycle latency and will not generate any INT1# interrupt regardless of FIE.
Symbol
Function
SFAL
Mailbox register for interfacing with flash memory block. (Low order address register).
Symbol
Function
SFAH
Mailbox register for interfacing with flash memory block. (High order address register).
SuperFlash Configuration Register (SFCF)
Location
76543210
Reset Value
B1H
-
IAPEN
----
SWR
BSEL
x0xxxx00b
SuperFlash Command Register (SFCM)
Location
76543210
Reset Value
B2H
FIE
FCM6
FCM5
FCM4
FCM3
FCM2
FCM1
FCM0
00H
SuperFlash Address Registers (SFAL)
Location
76543210
Reset Value
B3H
SuperFlash Low Order Byte Address Register
00H
SuperFlash Address Registers (SFAH)
Location
76543210
Reset Value
B4H
SuperFlash High Order Byte Address Register
00H


Número de pieza similar - SST89E58RD2-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-I-NJ SST-SST89E58RD2-40-I-NJ Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E58RD2-40-I-NJ SST-SST89E58RD2-40-I-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-I-NJE SST-SST89E58RD2-40-I-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E58RD2-40-I-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com