Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ85 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

No. de pieza SMCJ85
Descripción Electrónicos  POWER 1500Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAESAN [DAESAN ELECTRONIC CORP.]
Página de inicio  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMCJ85 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMCJ85 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMCJ85 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMCJ85 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMCJ85 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MC J 5.0(C )
G DD
G DD
6.40
7.82
10.0
5.0
1000
156.3
9.6
S MC J 5.0(C )A(5)
G DE
G DE
6.40
7.07
10.0
5.0
1000
163.0
9.2
S MC J 6.0(C )
G DF
G DF
6.67
8.15
10.0
6.0
1000
131.6
11.4
S MC J 6.0(C )A
G DG
G DG
6.67
7.37
10.0
6.0
1000
145.6
10.3
S MC J 6.5(C )
G DH
B DH
7.22
8.82
10.0
6.5
500
122.0
12.3
S MC J 6.5(C )A
G DK
B DK
7.22
7.98
10.0
6.5
500
133.9
11.2
S MC J 7.0(C )
G DL
G DL
7.78
9.51
10.0
7.0
200
112.8
13.3
S MC J 7.0(C )A
G DM
G DM
7.78
8.60
10.0
7.0
200
125.0
12.0
S MC J 7.5(C )
G DN
B DN
8.33
10.2
1.0
7.5
100
104.9
14.3
S MC J 7.5(C )A
G DP
B DP
8.33
9.21
1.0
7.5
100
116.3
12.9
S MC J 8.0(C )
G DQ
B DG
8.89
10.9
1.0
8.0
50
100.0
15.0
S MC J 8.0(C )A
G DR
B DR
8.89
9.83
1.0
8.0
50
110.3
13.6
S MC J 8.5(C )
G DS
B DS
9.44
11.5
1.0
8.5
20
94.3
15.9
S MC J 8.5(C )A
G DT
B DT
9.44
10.4
1.0
8.5
20
104.2
14.4
S MC J 9.0(C )
G DU
B DU
10.0
12.2
1.0
9.0
10
88.8
16.9
S MC J 9.0(C )A
G DV
B DV
10.0
11.1
1.0
9.0
10
97.4
15.4
S MC J 10(C )
G DW
B DW
11.1
13.6
1.0
10
5.0
79.8
18.8
S MC J 10(C )A
G DX
B DX
11.1
12.3
1.0
10
5.0
88.2
17.0
S MC J 11(C )
G DY
G DY
12.2
14.9
1.0
11
5.0
74.6
20.1
S MC J 11(C )A
G DZ
G DZ
12.2
13.5
1.0
11
5.0
82.4
18.2
S MC J 12(C )
G E D
B E D
13.3
16.3
1.0
12
5.0
68.2
22.0
S MC J 12(C )A
G E E
B E E
13.3
14.7
1.0
12
5.0
75.4
19.9
S MC J 13(C )
G E F
G E F
14.4
17.6
1.0
13
1.0
63.0
23.8
S MC J 13(C )A
G E G
G E G
14.4
15.9
1.0
13
1.0
69.8
21.5
S MC J 14(C )
G E H
B E H
15.6
19.1
1.0
14
1.0
58.1
25.8
S MC J 14(C )A
G E K
B E K
15.6
17.2
1.0
14
1.0
64.7
23.2
S MC J 15(C )
G E L
B E L
16.7
20.4
1.0
15
1.0
55.8
26.9
S MC J 15(C )A
G E M
B E M
16.7
18.5
1.0
15
1.0
61.5
24.4
S MC J 16(C )
G E N
G E N
17.8
21.8
1.0
16
1.0
52.1
28.8
S MC J 16(C )A
G E P
G E P
17.8
19.7
1.0
16
1.0
57.7
26.0
S MC J 17(C )
G E Q
G E Q
18.9
23.1
1.0
17
1.0
49.2
30.5
S MC J 17(C )A
G E R
G E R
18.9
20.9
1.0
17
1.0
54.3
27.6
S MC J 18(C )
G E S
B E S
20.0
24.4
1.0
18
1.0
46.6
32.2
S MC J 18(C )A
G E T
B E T
20.0
22.1
1.0
18
1.0
51.4
29.2
S MC J 20(C )
G E U
B E U
22.2
27.1
1.0
20
1.0
41.9
35.8
S MC J 20(C )A
G E V
B E V
22.2
24.5
1.0
20
1.0
46.3
32.4
S MC J 22(C )
G E W
B E W
24.4
29.8
1.0
22
1.0
38.1
39.4
S MC J 22(C )A
G E X
B E X
24.4
26.9
1.0
22
1.0
42.3
35.5
S MC J 24(C )
G E Y
B E Y
26.7
32.6
1.0
24
1.0
34.9
43.0
S MC J 24(C )A
G E Z
B E Z
26.7
29.5
1.0
24
1.0
38.6
38.9
S MC J 26(C )
G F D
B F D
28.9
35.3
1.0
26
1.0
32.2
46.6
S MC J 26(C )A
G F E
B F E
28.9
31.9
1.0
26
1.0
35.6
42.1
S MC J 28(C )
G F F
B F F
31.1
38.0
1.0
28
1.0
30.0
50.0
S MC J 28(C )A
G F G
B F G
31.1
34.4
1.0
28
1.0
33.0
45.4
S MC J 30(C )
G F H
B F H
33.3
40.7
1.0
30
1.0
28.0
53.5
S MC J 30(C )A
G F K
B F K
33.3
36.8
1.0
30
1.0
31.0
48.4
Notes : (1) P ulse test: tp 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bi-directional S MC G /S MC J 5.0C A, the maximum V(BR ) is 7.25V


Número de pieza similar - SMCJ85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SMCJ85 DCCOM-SMCJ85 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMCJ85 SEMITECH-SMCJ85 Datasheet
245Kb / 6P
   Low profile package
logo
UNIOHM CORPORATION
SMCJ85 UNIOHM-SMCJ85 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMCJ85 FORMOSA-SMCJ85 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
General Semiconductor
SMCJ85 GE-SMCJ85 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMCJ85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
LCE6.5A MCC-LCE6.5A Datasheet
221Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
LCE28A MCC-LCE28A_16 Datasheet
195Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com