Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW30N90D Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STGW30N90D
Descripción Electrónicos  N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30N90D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW30N90D Datasheet HTML 2Page - STMicroelectronics STGW30N90D Datasheet HTML 3Page - STMicroelectronics STGW30N90D Datasheet HTML 4Page - STMicroelectronics STGW30N90D Datasheet HTML 5Page - STMicroelectronics STGW30N90D Datasheet HTML 6Page - STMicroelectronics STGW30N90D Datasheet HTML 7Page - STMicroelectronics STGW30N90D Datasheet HTML 8Page - STMicroelectronics STGW30N90D Datasheet HTML 9Page - STMicroelectronics STGW30N90D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
STGW30N90D
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
A1
2.20
2.60
0.086
0.102
b
1.0
1.40
0.039
0.055
b1
2.0
2.40
0.079
0.094
b2
3.0
3.40
0.118
0.134
c
0.40
0.80
0.015
0.03
D
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e5.45
0.214
L
14.20
14.80
0.560
0.582
L1
3.70
4.30
0.14
0.17
L2
18.50
0.728
øP
3.55
3.65
0.140
0.143
øR
4.50
5.50
0.177
0.216
S5.50
0.216
TO-247 MECHANICAL DATA


Número de pieza similar - STGW30N90D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
More results

Descripción similar - STGW30N90D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com