Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDEP125MENP-0R3N Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDEP125MENP-0R3N
Descripción Electrónicos  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP125MENP-0R3N Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP125MENP-0R3N Datasheet HTML 1Page - Sumida Corporation CDEP125MENP-0R3N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP125ME
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Description of part name
CDEP125MENP-ØR3N□
1. Saturation current: The DC current at which the inductance decreases to 80% of it’s initial value.
(Ta=20℃)
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
Temperature
Rise current
(A) ※2
CDEP125MENP-ØR3N□
0R3N
0.3μH±25%
1.2(1.0)
40.0
21.0
CDEP125MENP-ØR7N□
0R7N
0.7μH±25%
2.0(1.7)
32.0
20.0
CDEP125MENP-1R2N□
1R2N
1.2μH±25%
3.1(2.6)
25.6
17.5
CDEP125MENP-2RØN□
2R0N
2.0μH±25%
4.9(4.1)
20.4
13.5
CDEP125MENP-2R9N□
2R9N
2.9μH±25%
7.5(6.3)
16.0
11.5
B Box
C Carrier Tape


Número de pieza similar - CDEP125MENP-0R3N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDEP125MENP-0R3NC SUMIDA-CDEP125MENP-0R3NC Datasheet
139Kb / 2P
   SMD Power Inductor
More results

Descripción similar - CDEP125MENP-0R3N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com