Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCH12D78A Datasheet(PDF) 1 Page - Sumida Corporation

No. de pieza CDCH12D78A
Descripción Electrónicos  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDCH12D78A Datasheet(HTML) 1 Page - Sumida Corporation

  CDCH12D78A Datasheet HTML 1Page - Sumida Corporation CDCH12D78A Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CDCH12D78/A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CDCH**/A Series>
MAX.8.0(Typ.7.8)
12.0±0.5
:TERMINAL
11.0±0.5
4.8±0.5
4.0
13.0
Product Description
12.5×12.5mm Max.(L×W), 8.0mm Max. Height.
Inductance range: 10~390μH
Rated current range:0.54~3.2A(125℃)
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
Feature
Magnetically unshielded construction.
High reliable inductors, suitable to use in high temperature environment(125℃).
Ideally for automotive applications as converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics (Bottom)


Número de pieza similar - CDCH12D78A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDCH12D58 SUMIDA-CDCH12D58 Datasheet
151Kb / 2P
   POWER INDUCTORS
CDCH12D58/ANP-100K SUMIDA-CDCH12D58/ANP-100K Datasheet
151Kb / 2P
   POWER INDUCTORS
CDCH12D58/ANP-101K SUMIDA-CDCH12D58/ANP-101K Datasheet
151Kb / 2P
   POWER INDUCTORS
CDCH12D58/ANP-120K SUMIDA-CDCH12D58/ANP-120K Datasheet
151Kb / 2P
   POWER INDUCTORS
CDCH12D58/ANP-121K SUMIDA-CDCH12D58/ANP-121K Datasheet
151Kb / 2P
   POWER INDUCTORS
More results

Descripción similar - CDCH12D78A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com