Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD104NP-561K Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CD104NP-561K
Descripción Electrónicos  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-561K Datasheet(HTML) 2 Page - Sumida Corporation

  CD104NP-561K Datasheet HTML 1Page - Sumida Corporation CD104NP-561K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CD104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CD Series>
Specification
Part Name
Stamp
Inductance
Within]
1
D.C.R
(mΩ)
[Max.] (TYP.)
(at 20℃)
Rated
Current
(A)
2
S.R.F.
(MHz)
(TYP.)
CD1Ø4NP-1ØØM□
100M
10μH±20%
53(40.8)
2.38
29.9
CD1Ø4NP-12ØM□
120M
12μH±20%
61(46.4)
2.13
29.7
CD1Ø4NP-15ØM□
150M
15μH±20%
70(53.9)
1.87
25.1
CD1Ø4NP-18ØM□
180M
18μH±20%
81(62.2)
1.73
23.0
CD1Ø4NP-22ØM□
220M
22μH±20%
88(67.4)
1.60
20.0
CD1Ø4NP-27ØM□
270M
27μH±20%
100(77.2)
1.44
18.5
CD1Ø4NP-33ØM□
330M
33μH±20%
120(92.0)
1.26
16.9
CD1Ø4NP-39ØM□
390M
39μH±20%
151(116.1)
1.20
14.9
CD1Ø4NP-47ØM□
470M
47μH±20%
170(130.6)
1.10
13.8
CD1Ø4NP-56ØK□
560K
56μH±10%
199(152.7)
1.01
12.6
CD1Ø4NP-68ØK□
680K
68μH±10%
223(171.6)
0.91
10.4
CD1Ø4NP-82ØK□
820K
82μH±10%
252(194.1)
0.85
10.0
CD1Ø4NP-1Ø1K□
101K
100μH±10%
344(264.9)
0.74
9.42
CD1Ø4NP-121K□
121K
120μH±10%
396(304.7)
0.69
8.74
CD1Ø4NP-151K□
151K
150μH±10%
544(418.1)
0.61
7.29
CD1Ø4NP-181K□
181K
180μH±10%
621(477.7)
0.56
6.53
CD1Ø4NP-221K□
221K
220μH±10%
721(554.5)
0.53
5.85
CD1Ø4NP-271K□
271K
270μH±10%
949(730.3)
0.45
5.51
CD1Ø4NP-331K□
331K
330μH±10%
1100(845.8)
0.42
4.91
CD1Ø4NP-391K□
391K
390μH±10%
1245(957.5)
0.38
4.32
CD1Ø4NP-471K□
471K
470μH±10%
1526(1220.6)
0.35
4.06
CD1Ø4NP-561K□
561K
560μH±10%
1904(1522.9)
0.32
3.55
Description of part Name
1: Measuring Frequency
10μH ~ 82μH ; at 2.52 MHz
100μH ~ 560μH ; at 1 kHz
2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or
when △t=40℃, whichever is lower(Ta=20℃).
CD104NP-100M
BBox
Carrier tape


Número de pieza similar - CD104NP-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CD104NP-561KB SUMIDA-CD104NP-561KB Datasheet
70Kb / 6P
   CD104
CD104NP-561KB SUMIDA-CD104NP-561KB Datasheet
106Kb / 2P
   POWER INDUCTORS
CD104NP-561KC SUMIDA-CD104NP-561KC Datasheet
70Kb / 6P
   CD104
CD104NP-561KC SUMIDA-CD104NP-561KC Datasheet
106Kb / 2P
   POWER INDUCTORS
More results

Descripción similar - CD104NP-561K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com