Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDH23D09 Datasheet(PDF) 2 Page - Sumida Corporation

No. de pieza CDH23D09
Descripción Electrónicos  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH23D09 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH23D09 Datasheet HTML 1Page - Sumida Corporation CDH23D09 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH23D09/SHP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
Within]
(μ
H)
1
D.C.R.
(mΩ)
[Max.]
(at 20℃) ※2
Saturation
current
(A) ※
3
(at 20℃)
Temperature
rise current
(A)
4
CDH23D09SHPNP-1R0M□
A
1.0±20%
105.5( 84.4)
1.55
1.17
CDH23D09SHPNP-1R5M□
B
1.5±20%
157.9(126.4)
1.25
0.96
CDH23D09SHPNP-2R2M□
C
2.2±20%
241.3(193.1)
1.05
0.75
CDH23D09SHPNP-3R3M□
D
3.3±20%
350.6(280.5)
0.85
0.65
CDH23D09SHPNP-4R7M□
E
4.7±20%
536.8(429.5)
0.70
0.50
CDH23D09SHPNP-6R8M□
F
6.8±20%
660.6(528.5)
0.60
0.45
Description Of Part Name
CDH23D09/SHP-1R0M□
1 Measuring frequency:100kHz
2 ( ) are typical value.
3 Saturation current: The DC current at which the inductance decreases to 70% of it's nominal.
4 Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B Box
C Carrier Tape


Número de pieza similar - CDH23D09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDH23D09 SUMIDA-CDH23D09 Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
CDH23D09SHP SUMIDA-CDH23D09SHP Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
CDH23D09SHPNP-1R0MC SUMIDA-CDH23D09SHPNP-1R0MC Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
CDH23D09SHPNP-1R5MC SUMIDA-CDH23D09SHPNP-1R5MC Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
CDH23D09SHPNP-2R2MC SUMIDA-CDH23D09SHPNP-2R2MC Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
More results

Descripción similar - CDH23D09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com