Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM486DE2-66V8TGC Datasheet(PDF) 1 Page - Advanced Micro Devices

No. de pieza AM486DE2-66V8TGC
Descripción Electrónicos  8-Kbyte Write-Through Embedded Microprocessor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DE2-66V8TGC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM486DE2-66V8TGC Datasheet HTML 1Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 2Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 3Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 4Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 5Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 6Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 7Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 8Page - Advanced Micro Devices AM486DE2-66V8TGC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Publication ID
20037
Revision
A
Amendment
/0
Issue Date
April 1996
DISTINCTIVE CHARACTERISTICS
s High-Performance Design
— 66-MHz operating frequency
— Frequent instructions execute in one clock
— 105.6-million bytes/second burst bus at 33 MHz
— Flexible write-through address control
— Dynamic bus sizing for 8-, 16-, and 32-bit buses
— Soft reset capability
s High On-Chip Integration
— 8-Kbyte unified code and data cache
— Floating-point unit
— Paged, virtual memory management
s Enhanced System and Power Management
— Stop clock control for reduced power
consumption
— Industry-standard, two-pin System Management
Interrupt (SMI) for power management indepen-
dent of processor operating mode and operating
system
— Static design with Auto Halt Power-Down support
— Wide range of chipsets supporting SMM avail-
able to allow product differentiation
s Complete 32-Bit Architecture
— Address and data buses
— All registers
— 8-, 16-, and 32-bit data types
s Standard Features
— 3-V core with 5-V-tolerant I/O
— Binary compatible with all Am486® DX
and Am486DX2 microprocessors
— Wide range of support available through the
AMD® FusionE86SM Program
s IEEE 1149.1 JTAG Boundary-Scan Compatibility
s Supports Environmental Protection Agency's
Energy Star program
— 3-V operation reduces power consumption up to
40%
— Energy management capability provides an ex-
cellent base for energy-efficient design
— Works with a variety of energy-efficient, power-
managed devices
s 208-Lead SQFP or 168-Pin PGA Package
GENERAL DESCRIPTION
The Am486DE2 microprocessor is an addition to the
AMD Am486 microprocessor family. The Am486DE2
enhances system performance by incorporating flexible
clock control and enhanced SMM.
The Am486DE2 CPU clock control feature permits the
CPU to be stopped under controlled conditions, allowing
reduced power consumption during system inactivity.
The SMM function is implemented with an industry-stan-
dard, two-pin interface.
FINAL
Am486®DE2
8-Kbyte Write-Through Embedded Microprocessor


Número de pieza similar - AM486DE2-66V8TGC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM486DX2 AMD-AM486DX2 Datasheet
1Mb / 67P
   Am5X86??Microprocessor Family
More results

Descripción similar - AM486DE2-66V8TGC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A_15 Datasheet
111Kb / 2P
   Embedded Microprocessor
logo
NXP Semiconductors
SZF2002 PHILIPS-SZF2002 Datasheet
431Kb / 76P
   Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
1998 Aug 26
logo
Fujitsu Component Limit...
MB93423 FUJITSU-MB93423 Datasheet
659Kb / 55P
   VLIW Embedded Microprocessor
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
Intel Corporation
80386EX INTEL-80386EX Datasheet
766Kb / 56P
   Intel386 EX Embedded Microprocessor
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
JA80386EXTC25 INTEL-JA80386EXTC25 Datasheet
591Kb / 56P
   Intel386??EX Embedded Microprocessor
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com