Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA20-600 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza BTA20-600
Descripción Electrónicos  SNUBBERLESS TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20-600 Datasheet(HTML) 6 Page - STMicroelectronics

  BTA20-600 Datasheet HTML 1Page - STMicroelectronics BTA20-600 Datasheet HTML 2Page - STMicroelectronics BTA20-600 Datasheet HTML 3Page - STMicroelectronics BTA20-600 Datasheet HTML 4Page - STMicroelectronics BTA20-600 Datasheet HTML 5Page - STMicroelectronics BTA20-600 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTA20 BW/CW
BTB20 BW/CW
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB20-xxxyz
BTA/BTB20-xxxyz
TO-220AB
2.3 g
250
Bulk
s
Epoxy meets UL94,V0
s
Cooling method: C
s
Recommended torque value: 0.8 m.N.
s
Maximum torque value: 1 m.N.
OTHER INFORMATION
PACKAGE MECHANICAL DATA
TO-220AB (Plastic)
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88 0.024
0.034
b2
1.23
1.32 0.048
0.051
C
4.40
4.60 0.173
0.181
c1
0.49
0.70 0.019
0.027
c2
2.40
2.72 0.094
0.107
e
2.40
2.70 0.094
0.106
F
6.20
6.60 0.244
0.259
I
3.75
3.85 0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95 0.104
0.116
l2
1.14
1.70 0.044
0.066
l3
1.14
1.70 0.044
0.066
M
2.60
0.102


Número de pieza similar - BTA20-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
logo
Kersemi Electronic Co.,...
BTA20-600B KERSEMI-BTA20-600B Datasheet
897Kb / 4P
   RMS on-state current (full sine wave)
logo
Inchange Semiconductor ...
BTA20-600B ISC-BTA20-600B Datasheet
221Kb / 1P
   isc Thyristors
logo
First Silicon Co., Ltd
BTA20-600B FS-BTA20-600B Datasheet
785Kb / 5P
   Bi-Directional Triode Thyristor
logo
Inchange Semiconductor ...
BTA20-600BW ISC-BTA20-600BW Datasheet
106Kb / 1P
   With TO-220AB insulated package
More results

Descripción similar - BTA20-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
BTA12AW STMICROELECTRONICS-BTA12AW Datasheet
196Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800BW KERSEMI-BTA20-800BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
T4016MKS STMICROELECTRONICS-T4016MKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2514XKS STMICROELECTRONICS-T2514XKS Datasheet
322Kb / 5P
   SNUBBERLESS TRIACS
April 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com