Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC193 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC193
Descripción Electrónicos  High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC193 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC193 Datasheet HTML 2Page - Texas Instruments CD74HC193 Datasheet HTML 3Page - Texas Instruments CD74HC193 Datasheet HTML 4Page - Texas Instruments CD74HC193 Datasheet HTML 5Page - Texas Instruments CD74HC193 Datasheet HTML 6Page - Texas Instruments CD74HC193 Datasheet HTML 7Page - Texas Instruments CD74HC193 Datasheet HTML 8Page - Texas Instruments CD74HC193 Datasheet HTML 9Page - Texas Instruments CD74HC193 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
PL
tW
2
-
------
ns
4.5
16
-
-
20
-
24
-
ns
6
-
------
ns
MR
tW
2
-
------
ns
4.5
20
-
-
25
-
30
-
ns
6
-
------
ns
Set-up Time
tSU
2
-
------
ns
Pn to PL
4.5
15
-
-
19
-
22
-
ns
6
-
------
ns
Hold Time
tH
2
-
------
ns
Pn to PL
4.5
0
-
-
0
-
0
-
ns
6
-
------
ns
Hold Time
tH
2
-
------
ns
CPD to CPU or
4.5
16
-
-
20
-
24
-
ns
CPU to CPD
6
-
-
-
-
-
-
-
ns
Recovery Time
tREC
2
-
------
ns
PL to CPU, CPD
4.5
15
-
-
19
-
22
-
ns
6
-
------
ns
MR to CPU, CPD
tREC
2
-
------
ns
4.5
5-
-5-5-
ns
6
-
------
ns
Maximum Frequency
fMAX
2
-
------
MHz
CPU, CPD
4.5
22
-
-
18
-
15
-
MHz
192
6
-
------
MHz
CPU, CPD
fMAX
2
-
------
MHz
193
4.5
22
-
-
18
-
15
-
MHz
6
-
------
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
2
-
-
125
-
155
-
190
ns
CPU to TCU
CL = 50pF
4.5
-
-
25
-
31
-
38
ns
CL = 15pF
5
-
10
-
----
ns
CL = 50pF
6
-
21
-
26
-
32
ns
CPD to TCD
tPLH, tPHL CL = 50pF
2
-
-
125
-
155
-
190
ns
CL = 50pF
4.5
-
-
25
-
31
-
38
ns
CL = 15pF
5
-
10
-
----
ns
CL = 50pF
6
-
-
21
-
26
-
32
ns
CPU to Qn
tPLH, tPHL CL = 50pF
2
-
-
220
-
270
-
325
ns
CL = 50pF
4.5
-
-
43
-
54
-
65
ns
CL = 15pF
5
-
18
-
----
ns
CL = 50pF
6
-
-
37
-
46
-
55
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54/74HC192, CD54/74HC193, CD54/74HCT193


Número de pieza similar - CD74HC193

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC193 TI-CD74HC193 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193 TI-CD74HC193 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193 TI-CD74HC193 Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193E TI-CD74HC193E Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC193E TI-CD74HC193E Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results

Descripción similar - CD74HC193

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_1 Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Pericom Semiconductor C...
PI74FCT191T PERICOM-PI74FCT191T Datasheet
212Kb / 6P
   High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com