Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4046ANSR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
CD74HC4046ANSR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 28 page 10 HCT Input Loading Table INPUT UNIT LOADS INH 1 NOTE: Unit load is ∆ICC limit specific in DC Electrical Specifications Table, e.g., 360 µA max. at 25oC. Switching Specifications CL = 50pF, Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES PHASE COMPARATOR SECTION Propagation Delay tPLH, tPHL SIGIN, COMPIN to PCIOUT 2 - - 200 - 250 - 300 ns 4.5 - - 40 - 50 - 60 ns 6 - - 34 - 43 - 51 ns SIGIN, COMPIN to PCPOUT 2 - - 300 - 375 - 450 ns 4.5 - - 60 - 75 - 90 ns 6 - - 51 - 64 - 77 ns SIGIN, COMPIN to PC3OUT 2 - - 245 - 305 - 307 ns 4.5 - - 49 - 61 - 74 ns 6 - - 42 - 52 - 63 ns Output Transition Time tTHL, tTLH 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Output Enable Time, SIGIN, COMPIN to PC2OUT tPZH, tPZL 2 - - 265 - 330 - 400 ns 4.5 - - 53 - 66 - 80 ns 6 - - 45 - 56 - 68 ns Output Disable Time, SIGIN, COMPIN to PC2OUT tPHZ, tPLZ 2 - - 315 - 395 - 475 ns 4.5 - - 63 - 79 - 95 ns 6 - - 54 - 67 - 81 ns AC Coupled Input Sensitivity (P-P) at SIGIN or COMPIN VI(P-P) 3 - 11 - - - - - mV 4.5 - 15 - - - - - mV 6 - 33 - - - - - mV VCO SECTION Frequency Stability with Temperature Change ∆f ∆T R1 = 100kΩ, R2 = ∞ 3 - 0.11 - - - - - %/oC 4.5 - 0.11 - - - - - %/oC 6 - 0.11 - - - - - %/oC Maximum Frequency fMAX C1 = 50pF R1 = 3.5kΩ R2 = ∞ 3 - 24 - - - - - MHz 4.5 - 24 - - - - - MHz 6 - 24 - - - - - MHz C1 = 0pF R1 = 9.1kΩ R2 = ∞ 3 - 38 - - - - - MHz 4.5 - 38 - - - - - MHz 6 - 38 - - - - - MHz CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
Número de pieza similar - CD74HC4046ANSR |
|
Descripción similar - CD74HC4046ANSR |