Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4046AMTG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
CD74HC4046AMTG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 28 page 7 INH VCOIN Input Leakage Current II VCC or GND -6 - - ±0.1 - ±1- ±1 µA R1 Range (Note 2) - - - 4.5 3 - 300 - - - - k Ω R2 Range (Note 2) - - - 4.5 3 - 300 - - - - k Ω C1 Capacitance Range -- - 3 - - No Limit -- - - pF 4.5 - - - - - - pF 6- - - - - - pF VCOIN Operating Voltage Range - Over the range specified for R1 for Linearity See Figure 10, and 34 - 37 (Note 3) 3 1.1 - 1.9 - - - - V 4.5 1.1 - 3.2 - - - - V 6 1.1 - 4.6 - - - - V PHASE COMPARATOR SECTION SIGIN, COMPIN DC Coupled High-Level Input Voltage VIH - - 2 1.5 - - 1.5 - 1.5 - V 4.5 3.15 - - 3.15 - 3.15 - V 6 4.2 - - 4.2 - 4.2 - V SIGIN, COMPIN DC Coupled Low-Level Input Voltage VIL - - 2 - - 0.5 - 0.5 - 0.5 V 4.5 - - 1.35 - 1.35 - 1.35 V 6 - - 1.8 - 1.8 - 1.8 V PCPOUT, PCn OUT High-Level Output Voltage CMOS Loads VOH VIL or VIH -0.02 2 1.9 - - 1.9 - 1.9 - V 4.5 4.4 - - 4.4 - 4.4 - V 6 5.9 - - 5.9 - 5.9 - V PCPOUT, PCn OUT High-Level Output Voltage TTL Loads VOH VIL or VIH -4 4.5 3.98 - - 3.84 - 3.7 - V -5.2 6 5.48 - - 5.34 - 5.2 - V PCPOUT, PCn OUT Low-Level Output Voltage CMOS Loads VOL VIL or VIH 0.02 2 - - 0.1 - 0.1 - 0.1 V 4.5 - - 0.1 - 0.1 - 0.1 V 6 - - 0.1 - 0.1 - 0.1 V PCPOUT, PCn OUT Low-Level Output Voltage TTL Loads VOL VIL or VIH 4 4.5 - - 0.26 - 0.33 - 0.4 V 5.2 6 - - 0.26 - 0.33 - 0.4 V SIGIN, COMPIN Input Leakage Current II VCC or GND -2 - - ±3- ±4- ±5 µA 3- - ±7- ±9- ±11 µA 4.5 - - ±18 - ±23 - ±29 µA 6- - ±30 - ±38 - ±45 µA PC2OUT Three-State Off-State Current IOZ VIL or VIH -6 - - ±0.5 - ±5- ±10 µA SIGIN, COMPIN Input Resistance RI VI at Self-Bias Operation Point: ∆VI = 0.5V, See Figure 10 3 - 800 - - - - - k Ω 4.5 - 250 - - - - - k Ω 6 - 150 - - - - - k Ω DEMODULATOR SECTION Resistor Range RS at RS > 300kΩ Leakage Current Can Influence VDEMOUT 3 50 - 300 - - - - k Ω 4.5 50 - 300 - - - - k Ω 6 50 - 300 - - - - k Ω DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
Número de pieza similar - CD74HC4046AMTG4 |
|
Descripción similar - CD74HC4046AMTG4 |