Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC139PWTG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74HC139PWTG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54HC139, SN74HC139 DUAL 2LINE TO 4LINE DECODERS/DEMULTIPLEXERS SCLS108D − DECEMBER 1982 − REVISED SEPTEMBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Targeted Specifically for High-Speed Memory Decoders and Data-Transmission Systems D Wide Operating Voltage Range of 2 V to 6 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 10 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Incorporate Two Enable Inputs to Simplify Cascading and/or Data Reception description/ordering information The ’HC139 devices are designed for high-performance memory-decoding or data-routing applications requiring very short propagation delay times. In high-performance memory systems, these decoders can minimize the effects of system decoding. When employed with high-speed memories utilizing a fast enable circuit, the delay time of these decoders and the enable time of the memory usually are less than the typical access time of the memory. This means that the effective system delay introduced by the decoders is negligible. ORDERING INFORMATION TA PACKAGE† PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HC139N SN74HC139N Tube of 40 SN74HC139D SOIC − D Reel of 2500 SN74HC139DR HC139 SOIC − D Reel of 250 SN74HC139DT HC139 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC139NSR HC139 −40 C to 85 C SSOP − DB Reel of 2000 SN74HC139DBR HC139 Tube of 90 SN74HC139PW TSSOP − PW Reel of 2000 SN74HC139PWR HC139 TSSOP − PW Reel of 250 SN74HC139PWT HC139 CDIP − J Tube of 25 SNJ54HC139J SNJ54HC139J −55 °C to 125°C CFP − W Tube of 150 SNJ54HC139W SNJ54HC139W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC139FK SNJ54HC139FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 2A 2B NC 2Y0 2Y1 1B 1Y0 NC 1Y1 1Y2 SN54HC139 . . . FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1G 1A 1B 1Y0 1Y1 1Y2 1Y3 GND VCC 2G 2A 2B 2Y0 2Y1 2Y2 2Y3 SN54HC139 ...J OR W PACKAGE SN74HC139 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74HC139PWTG4 |
|
Descripción similar - SN74HC139PWTG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |