Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SHH-1M2012-451 Datasheet(PDF) 1 Page - Sumida Corporation

No. de pieza SHH-1M2012-451
Descripción Electrónicos  Multilayer Chip Ferrite Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHH-1M2012-451 Datasheet(HTML) 1 Page - Sumida Corporation

  SHH-1M2012-451 Datasheet HTML 1Page - Sumida Corporation SHH-1M2012-451 Datasheet HTML 2Page - Sumida Corporation SHH-1M2012-451 Datasheet HTML 3Page - Sumida Corporation SHH-1M2012-451 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE
Multilayer Chip Ferrite Beads
——SHH-2012
1/4
*All specifications are subject to change without notice.
Features
1. Effective in suppressing noise at high frequencies.
2. Suited for preventing the abnormal oscillation from high frequency amplifying circuits.
3. Excellent solder heat resistance for soldering.
4. High reliability in the circuits of high current.
5. Lead Free (RoHS Compliance)
Applications
1. Noise suppression in digital equipments.
2. Computers and peripheral devices, VCR and camera.
3. Noise suppression in automotive electronic equipment, car stereo, car engine controller.
4. Noise suppression for OA electronic instruments.
Ordering Information
SHH -
1
M
2012
- 121
J
T
(1)
(2)
(3)
(4)
(5)
(6)
Shape and Dimensions
(1) Series
SHH : For high current(~3.0A)
(4) Impedance (at 100MHz)
First two digits are impedance values.
Last digit is the number of zeros
(2) Material & Design
S : For high speed
M : For high impedance type
T : For Low speed
(3) Dimension
First two digits : length (㎜)
Last two digits : width (㎜)
(5) Termination
J : Nickel barrier
(6) Packaging
B : Bulk package
T : Tape & Reel (Φ178㎜ [ 7 inches ])
L : Tape & Reel (Φ254㎜ [ 10 inches ])
L
T
C© û
W
Unit : mm [inches]
Type
L
W
T
C
2.0±0.20
1.25±0.20
0.8±0.15
0.50±0.30
SHH-1□2012-
.079±.008〕 〔.049±.008〕
(.049±.008)
.020±.012〕


Número de pieza similar - SHH-1M2012-451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-102 SUMIDA-SHH-1M1005-102 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-221 SUMIDA-SHH-1M1005-221 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-471 SUMIDA-SHH-1M1005-471 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-601 SUMIDA-SHH-1M1005-601 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results

Descripción similar - SHH-1M2012-451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com