Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB24-XXXYZ Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza BTB24-XXXYZ
Descripción Electrónicos  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24-XXXYZ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BTB24-XXXYZ Datasheet HTML 4Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 5Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 6Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 7Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 8Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 9Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 10Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 11Page - STMicroelectronics BTB24-XXXYZ Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA24, BTB24, BTA25, BTA26 and T25 series
Package information
9/12
Table 9.
TOP3 Insulated package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL


Número de pieza similar - BTB24-XXXYZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bellnix Co.,Ltd.
BTB24-03S80D BELLNIX-BTB24-03S80D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-03S80S BELLNIX-BTB24-03S80S Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-05S60D BELLNIX-BTB24-05S60D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-05S60S BELLNIX-BTB24-05S60S Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-12S25D BELLNIX-BTB24-12S25D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
More results

Descripción similar - BTB24-XXXYZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com