Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT163EE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
CD74HCT163EE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 19 page 6 Prerequisite For Switching Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Maximum CP Frequency (Note 6) fMAX - 2 6 - - 5 - 4 - MHz 4.5 30 - - 24 - 20 - MHz 6 35 - - 28 - 24 - MHz CP Width (Low) tW(L) - 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns MR Pulse Width (161) tW - 2 100 - - 125 - 150 - ns 4.5 20 - - 25 - 30 - ns 6 17 - - 21 - 26 - ns Setup Time, Pn to CP tSU - 2 60 - - 75 - 90 - ns 4.5 12 - - 15 - 18 - ns 6 10 - - 13 - 15 - ns Setup Time, PE or TE to CP tSU - 2 50 - - 65 - 75 - ns 4.5 10 - - 13 - 15 - ns 6 9 - - 11 - 13 - ns Setup Time, SPE to CP tSU - 2 60 - - 75 - 90 - ns 4.5 12 - - 15 - 18 - ns 6 10 - - 13 - 15 - ns Setup Time, MR to CP (163) tSU - 2 65 - - 80 - 100 - ns 4.5 13 - - 16 - 20 - ns 6 11 - - 14 - 17 - ns Hold Time, PN to CP tH -2 3 - - 3 - 3 - ns 4.5 3 - - 3 - 3 - ns 6 3 - - 3-3- ns Hold Time, TE or PE to CP tH -2 0 - - 0 - 0 - ns 4.5 0 - - 0 - 0 - ns 6 0 - - 0-0- ns Hold Time, SPE to CP tH -2 0 - - 0 - 0 - ns 4.5 0 - - 0 - 0 - ns 6 0 - - 0-0- ns Recovery Time, MR to CP (161) tREC - 2 75 - - 95 - 110 - ns 4.5 15 - - 19 - 22 - ns 6 13 - - 16 - 19 - ns CD54/74HC161, CD54/74HCT161, CD54/74HC163, CD54/74HCT163 |
Número de pieza similar - CD74HCT163EE4 |
|
Descripción similar - CD74HCT163EE4 |