Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME7739 Datasheet(PDF) 3 Page - Analog Microelectronics

No. de pieza AME7739
Descripción Electrónicos  Step-Up / Step-Down 60mA Regulated Charge Pump
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7739 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME7739 Datasheet HTML 1Page - Analog Microelectronics AME7739 Datasheet HTML 2Page - Analog Microelectronics AME7739 Datasheet HTML 3Page - Analog Microelectronics AME7739 Datasheet HTML 4Page - Analog Microelectronics AME7739 Datasheet HTML 5Page - Analog Microelectronics AME7739 Datasheet HTML 6Page - Analog Microelectronics AME7739 Datasheet HTML 7Page - Analog Microelectronics AME7739 Datasheet HTML 8Page - Analog Microelectronics AME7739 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AME, Inc.
3
Rev.A.02
AME7739
Step-Up / Step-Down
60mA Regulated Charge Pump
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule before Package Dimension.
* A line on top of the first letter represents lead free plating such as BJFww.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME7739 x x x x xxx x
Output Voltage
A
1. OUT
E: -40OC to 85OC
E: SOT-2X
Y: 6
330: V=3.3V
Z: Lead free
(SOT-26)
2. GND
500: V=5V
3. EN
550: V=5.5V
4. C-
5. IN
6. C+
Output
Voltage
Special Feature
Pin
Configuration
Operating Ambient
Temperature Range
Package Type
Number
of
Pins
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME7739AEEY330Z
BJFww
3.3V
SOT-26
- 40
oC to 85oC
AME7739AEEY500Z
BENww
5V
SOT-26
- 40
oC to 85oC
AME7739AEEY550Z
BDWww
5.5V
SOT-26
- 40
oC to 85oC


Número de pieza similar - AME7739

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
AME7730AEEY500Y AME-AME7730AEEY500Y Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
AME7730AEEY500Z AME-AME7730AEEY500Z Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
More results

Descripción similar - AME7739

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com