Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1286PL Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS1286PL
Descripción Electrónicos  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1286PL Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS1286PL Datasheet HTML 1Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 2Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 3Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 4Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 5Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 6Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 7Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 8Page - Burr-Brown (TI) ADS1286PL Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
ADS1286
SPECIFICATIONS
At TA = TMIN to TMAX, +VCC = +5V, VREF = +5V, fSAMPLE = 12.5kHz, , fCLK = 16 • fSAMPLE, unless otherwise specified.
TIMING CHARACTERISTICS
fCLK = 200kHz, TA = TMIN to TMAX.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
2.0
Clk Cycles
tSMPL (MAX)
Maximum Sampling Frequency
ADS1286
20
kHz
tCONV
Conversion Time
See Operating Sequence
12
Clk Cycles
tdDO
Delay TIme, DCLOCK
↓ to D
OUT Data Valid
See Test Circuits
85
150
ns
tdis
Delay TIme, CS
↑ to D
OUT Hi-Z
See Test Circuits
25
50
ns
ten
Delay TIme, DCLOCK
↓ to D
OUT Enable
See Test Circuits
50
100
ns
thDO
Output Data Remains Valid After DCLOCK
CLOAD = 100pF
15
30
ns
tf
DOUT Fall Time
See Test Circuits
70
100
ns
tr
DOUT Rise Time
See Test Circuits
60
100
ns
tCSD
Delay Time, CS
↓ to DCLOCK↓
See Operating Sequence
0
ns
tSUCS
Delay Time, CS
↓ to DCLOCK↑
See Operating Sequence
30
ns
ADS1286, ADS1286A
ADS1286K, ADS1286B
ADS1286C, ADS1286L
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Range
+In – (–In)
0
VREF
TT
TT
V
Absolute Input Voltage
+In
–0.2
VCC +0.2
TT
TT
V
–In
–0.2
+0.2
TT
TT
V
Capacitance
25
TT
pF
Leakage Current
±1
TT
µA
SYSTEM PERFORMANCE
Resolution
12
TT
Bits
No Missing Codes
12
TT
Bits
Integral Linearity
±1
±2
TT
±0.5
±1
LSB
Differential Linearity
±0.5
±1.0
T
±0.75
±0.25
±0.75
LSB
Offset Error
0.75
±3
TT
TT
LSB
Gain Error
±2
±8
TT
TT
LSB
Noise
50
TT
µVrms
Power Supply Rejection
82
TT
dB
SAMPLING DYNAMICS
Conversion Time
12
TT
Clk Cycles
Acquisition Time
1.5
TT
Clk Cycles
Small Signal Bandwidth
500
TT
kHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5.0Vp-p at 1kHz
–85
TT
dB
VIN = 5.0Vp-p at 5kHz
–83
TT
dB
SINAD
VIN = 5.0Vp-p at 1kHz
72
TT
dB
Spurious Free Dynamic Range
VIN = 5.0Vp-p at 1kHz
90
TT
dB
REFERENCE INPUT
REF Input Range
1.25
2.5
VCC+0.05V
TTTTTT
V
Input Resistance
CS = VCC
5000
TT
M
CS = GND, fCLK = 0Hz
5000
TT
M
Current Drain
CS = VCC
0.01
2.5
TT
TT
µA
tCYC ≥ 640µs, fCLK ≤ 25kHz
2.4
20
TT
TT
µA
tCYC = 80µs, fCLK = 200kHz
2.4
20
TT
TT
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
TT
Logic Levels:
VIH
IIH = +5µA3
+VCC
TT
TT
V
VIL
IIL = +5µA
0.0
0.8
TT
TT
V
VOH
IOH = 250µA3
+VCC
TT
TT
V
VOL
IOL = 250µA
0.0
0.4
TT
TT
V
Data Format
Straight Binary
TT
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
VCC
+4.50
5
5.25
TTTTTT
V
Quiescent Current, VANA
tCYC ≥ 640µS, fCLK ≤ 25kHz
200
400
TT
TT
µA
tCYC = 90µS, fCLK = 200kHz
250
500
TT
TT
µA
Power Down
CS = VCC
3
TT
µA
TEMPERATURE RANGE
Specified Performance
ADS1286, K, L
0
+70
TT
TT
°C
ADS1286A, B, C
–40
+85
TT
TT
°C
T Specifications same as grade to the left.


Número de pieza similar - ADS1286PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1286PL BURR-BROWN-ADS1286PL Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286PL TI1-ADS1286PL Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1286PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com