Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1286UG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS1286UG4
Descripción Electrónicos  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1286UG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS1286UG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 11Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 12Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 13Page - Burr-Brown (TI) ADS1286UG4 Datasheet HTML 14Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
®
ADS1286
ADS1286
µP
DCLOCK
D
OUT
CS/SHDN
A
0
A
1
U
3
U
4
U
1
U
2
Thermocouple
ISO Thermal Block
MUX
OPA237
0.3V
0.4V
0.2V
0.1V
+5V
R
2
59k
R
4
1k
R
3
500k
R
5
500
R
7
10
C
3
0.1µF
C
4
10µF
C
5
0.1µF
R
6
1M
R
1
150k
D
1
TC
2
TC
1
TC
3
+5V
C
2
0.1µF
C
1
10µF
+5V
R
8
46k
R
9
1k
R
10
1k
R
11
1k
R
12
1k
V
REF
3-Wire
Interface
FIGURE 5. Thermocouple Application Using a MUX to Scale the Input Range of the ADS1286.
ADS1286
REF200
(100
µA)
µP
D
OUT
RTD
DCLOCK
CS/SHDN
+V
CC
V
REF
8
1
2
3
4
0.1
µF
FIGURE 6. ADS1286 with RTD Sensor.


Número de pieza similar - ADS1286UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1286UG4 TI1-ADS1286UG4 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286UG4 TI1-ADS1286UG4 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS1286UG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com