Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI3HDMI431AR Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

No. de pieza PI3HDMI431AR
Descripción Electrónicos  3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI431AR Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI431AR Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
PS8894C
11/19/07
PI3HDMI431AR
3:1 Active HDMITM Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
HDMI, High-Definition Multimedia Interface, and Deep Color are trademarks of
HDMI Licensing, LLC in the United States and other countries.
Storage Temperature .................................................... –65°C to +150°C
Supply Voltage to Ground Potential................................–0.5V to +4.0V
DC Input Voltage ...............................................................–0.5V to VDD
DC Output Current....................................................................... 120mA
Power Dissipation ........................................................................... 1.0W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Supply Voltage
3.135
3.3
3.465
V
TA
Operating free-air temperature
0
70
°C
TMDS Differential Pins (A/B)
VID
Receiver peak-to-peak differential input voltage
150
1560
mVp-p
VIC
Input common mode voltage
2
VDD + 0.01
V
VDD
TMDS output termination voltage
3.135
3.3
3.465
V
RT
Termination resistance
45
50
55
ohm
Signaling rate
0
2.5
Gbps
Control Pins (OC_Sx, EQ_Sx, S, OE)
VIH
LVTTL High-level input voltage
2
VDD
V
VIL
LVTTL Low-level input voltage
GND
0.8
DDC Pins (SCL, SCL_SINK, SDA, SDA_SINK)
VI(DDC)
Input voltage
GND
5.5
V
Status Pins (HPD_SINK)
VIH
LVTTL High-level input voltage
2
5.3
V
VIL
LVTTL Low-level input voltage
GND
0.8
07-0255


Número de pieza similar - PI3HDMI431AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-ABE PERICOM-PI3HDMI412-ABE Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-AZHE PERICOM-PI3HDMI412-AZHE Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results

Descripción similar - PI3HDMI431AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
   3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
   1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
   1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
PI3HDMI1210 PERICOM-PI3HDMI1210 Datasheet
626Kb / 14P
   High-performance HDMITM 1.1 and 1.2 Compatible Signal Switch w/ Integrated Side-band Signal Support
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com