Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9898 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza TDA9898
Descripción Electrónicos  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9898 Datasheet HTML 1Page - NXP Semiconductors TDA9898 Datasheet HTML 2Page - NXP Semiconductors TDA9898 Datasheet HTML 3Page - NXP Semiconductors TDA9898 Datasheet HTML 4Page - NXP Semiconductors TDA9898 Datasheet HTML 5Page - NXP Semiconductors TDA9898 Datasheet HTML 6Page - NXP Semiconductors TDA9898 Datasheet HTML 7Page - NXP Semiconductors TDA9898 Datasheet HTML 8Page - NXP Semiconductors TDA9898 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
1.
General description
The Integrated Circuit (IC) is suitable for Intermediate Frequency (IF) processing including
global multistandard Analog TV (ATV), Digital Video Broadcast (DVB) and mono FM radio
using only 1 IC and 1 to 3 fixed Surface Acoustic Waves (SAWs) (application dependent).
TDA9898 including L and L-accent standard. TDA9897 without L and L-accent standard.
2.
Features
2.1 General
I 5 V supply voltage
I I2C-bus control over all functions
I Four I2C-bus addresses provided; selection by programmable Module Address (MAD)
I Three I2C-bus voltage level supported; selection via pin BVS
I Separate gain controlled amplifiers with input selector and conversion for incoming IF
[analog Vision IF (VIF) or Sound IF (SIF) or Digital TV (DTV)] allows the use of
different filter shapes and bandwidths
I All conventional ATV standards applicable by using DTV bandwidth window
[Band-Pass (BP)] filter
I Easy to use default settings for almost every standard provided, selectable via I2C-bus
I Two 4 MHz reference frequency stages; the first one operates as crystal oscillator, the
second one as external signal input
I Stabilizer circuit for ripple rejection and to achieve constant output signals
I Smallest size, simplest application
I ElectroStatic Discharge (ESD) protection for all pins
2.2 Analog TV processing
I Gain controlled wide-band VIF amplifier; AC-coupled
I Multistandard true synchronous demodulation with active carrier regeneration: very
linear demodulation, good intermodulation figures, reduced harmonics and excellent
pulse response
I Internal Nyquist slope processing; switch-off able for alternative use of inexpensive
Nyquist slope SAW filter with additive video noise improvement
I Gated phase detector for L and L-accent standards
I Fully integrated VIF Voltage-Controlled Oscillator (VCO), alignment-free, frequencies
switchable for all negative and positive modulated standards via I2C-bus
I VIF Automatic Gain Control (AGC) detector for gain control; operating as a peak sync
detector for negative modulated signals and as a peak white detector for positive
modulated signals
TDA9897; TDA9898
Multistandard hybrid IF processing
Rev. 03 — 11 January 2008
Product data sheet


Número de pieza similar - TDA9898

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9898 NXP-TDA9898 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HL/V3 NXP-TDA9898HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HN/V3 NXP-TDA9898HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Descripción similar - TDA9898

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com