Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9898V2 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA9898V2
Descripción Electrónicos  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898V2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9898V2 Datasheet HTML 1Page - NXP Semiconductors TDA9898V2 Datasheet HTML 2Page - NXP Semiconductors TDA9898V2 Datasheet HTML 3Page - NXP Semiconductors TDA9898V2 Datasheet HTML 4Page - NXP Semiconductors TDA9898V2 Datasheet HTML 5Page - NXP Semiconductors TDA9898V2 Datasheet HTML 6Page - NXP Semiconductors TDA9898V2 Datasheet HTML 7Page - NXP Semiconductors TDA9898V2 Datasheet HTML 8Page - NXP Semiconductors TDA9898V2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
4 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Gdif
differential gain
“ITU-T J.63 line 330”
[2][4]
B/G standard
-
-
5
%
L standard
-
-
7
%
ϕdif
differential phase
“ITU-T J.63 line 330”
[2][4]
B/G standard
-
2
4
deg
L standard
-
2
4
deg
Bvideo(−3dB)
−3 dB video bandwidth
trap bypass mode and
sound carrier off; AC load:
CL <20pF, RL >1kΩ
[3] 68-
MHz
α
SC1
first sound carrier attenuation
M/N standard;
f=fSC1 = 4.5 MHz;
see Figure 21
[3] 38
--dB
B/G standard;
f=fSC1 = 5.5 MHz;
see Figure 23
[3] 35
--dB
(S/N)w
weighted signal-to-noise ratio
normal mode and sound
carrier on; B/G standard;
50 % grey video signal;
unified weighting filter
(
“ITU-T J.61”);
see Figure 20
[2][5] 53
57
-
dB
PSRRCVBS
power supply ripple rejection on
pin CVBS
normal mode and sound
carrier on; fripple =70Hz;
video signal; grey level;
positive and negative
modulation; see Figure 11
[2] 14
20
-
dB
∆IAFC/∆fVIF
change of AFC current with VIF
frequency
AFC TV mode
[6] 0.85
1.05
1.25
µA/kHz
Audio part
Vo(AF)(RMS)
RMS AF output voltage
FM: QSS mode;
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
AM: 54 % modulation
400
500
600
mV
THD
total harmonic distortion
FM: 50
µs de-emphasis;
FM deviation: for TV mode
27 kHz and for radio mode
22.5 kHz
-
0.15
0.50
%
AM: 54 % modulation;
BP on; see Figure 33
-
0.5
1.0
%
f−3dB(AF)
AF cut-off frequency
W3[2] = 0; W3[4] = 0;
without de-emphasis;
FM window
width = 237.5 kHz
80
100
-
kHz
Table 1.
Quick reference data …continued
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - TDA9898V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9898 NXP-TDA9898 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HL/V3 NXP-TDA9898HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HN/V3 NXP-TDA9898HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Descripción similar - TDA9898V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com