Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7510-55AL Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK7510-55AL
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7510-55AL Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK7510-55AL_08 Datasheet HTML 1Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 2Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 3Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 4Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 5Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 6Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 7Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 8Page - NXP Semiconductors BUK7510-55AL_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BUK7510-55AL_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 January 2008
5 of 14
NXP Semiconductors
BUK7510-55AL
N-channel TrenchMOS standard level FET
5.
Thermal characteristics
6.
Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
vertical in still air
-
60
-
K/W
Rth(j-mb)
thermal resistance
from junction to
mounting base
see Figure 5
-0.25
0.5
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aaa734
single shot
0.2
0.1
0.05
0.02
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
δ = 0.5
tp
T
P
t
tp
T
δ =
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 μA; VGS =0V;
Tj =-55 °C
50
-
-
V
ID =250 μA; VGS =0V;
Tj =25 °C
55
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25 °C;
see Figure 10 and 11
23
4V
ID =1mA; VDS = VGS;
Tj =-55 °C; see Figure 10 and 11
--
4.4
V
ID =1mA; VDS = VGS;
Tj = 175 °C; see Figure 10 and
11
1-
-
V


Número de pieza similar - BUK7510-55AL_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7510-55AL PHILIPS-BUK7510-55AL Datasheet
107Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 01-31 March 2005
BUK7510-55AL NXP-BUK7510-55AL Datasheet
218Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 03-4 August 2009
logo
Inchange Semiconductor ...
BUK7510-55AL ISC-BUK7510-55AL Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK7510-55AL_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com