Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1000N30-N4T1G Datasheet(PDF) 23 Page - Seiko Instruments Inc

No. de pieza S-1000N30-N4T1G
Descripción Electrónicos  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000N30-N4T1G Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S-1000N30-N4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 22Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 23Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 24Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 25Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 26Page - Seiko Instruments Inc S-1000N30-N4T1G Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
23
3. Change of detection voltage
In Nch open-drain output products of the S-1000 series, detection voltage can be changed using resistance dividers or
diodes as shown in Figures 29 to 30. In Figure 29, hysteresis width also changes.
(Nch open-drain
output products)
RA
*1
OUT
VIN
VSS
VDD
+
S-1000N
RB
C
*1
DET
B
B
A
V
R
R
R
voltagae
Detection
+
=
HYS
B
B
A
V
R
R
R
width
Hysterisis
+
=
(Nch open-drain
output product)
Vf1
OUT
VIN
VSS
VDD
S-1000N
Vf2
Detection voltage = Vf1+Vf2+(
−VDET)
Figure 30
*1.
RA should be 75 k
Ω or less, and C should be 0.01 µF
or more to prevent oscillation.
If C is not connected, RA should be 800
Ω or less.
Caution If RA and RB are large, the hysteresis width
may also be larger than the value given by
the above equation due to the through-type
current (which flows slightly in an Nch
open-drain product).
Figure 29
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.


Número de pieza similar - S-1000N30-N4T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1000N30-N4T1X ABLIC-S-1000N30-N4T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Descripción similar - S-1000N30-N4T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com